công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2EDF7175F bảng dữ liệu(PDF) 5 Page - Infineon Technologies AG

tên linh kiện 2EDF7175F
Giải thích chi tiết về linh kiện  Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver with accurate and stable timing
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDF7175F bảng dữ liệu(HTML) 5 Page - Infineon Technologies AG

  2EDF7175F Datasheet HTML 1Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 2Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 3Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 4Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 5Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 6Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 7Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 8Page - Infineon Technologies AG 2EDF7175F Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Final datasheet
5
Rev.2.9
2024-05-16
EiceDRIVER™ 2EDi product family
2EDSx reinforced, 2EDFx functional isolated 4A/8A, 1A/2A gate drivers
Description
1.2
Input-to-output isolation testing
• 2EDSx Reinforced isolation (2EDSx in WB PG-DSO-16-30 package), for details see Table 25 to Table 28.
–8 kVpk transient isolation voltage applied according to DIN V VDE V 0884-10 (2006-12)
–10 kVpk surge isolation tested with 25 positive and 25 negative pulses according to VDE-0884-10
• Functional isolation (2EDFx in NB PG-DSO-16-11 and PG-TFLGA-13-4 packages), for details see Table 20 to
Table 22
– Production test with 1.5 kVDC for 10 ms
1.3
Channel-to-channel isolation testing
• The functional isolation between the two channels are verified by the following tests
– Sample test with 1.5 kVDC for 10 ms (NB PG-DSO-16-11, WB PG-DSO-16-30)
– Sample test with 0.65 kVDC for 10 ms (PG-TFLGA-13-4)
1.4
Application overview and system block diagram
2EDi gate drivers are perfectly suited to substitute bulky pulse transformers and drive power MOSFETs in half-
bridge configuration as depicted in Figure 1.
The input side is usually powered by the same power supply as the PWM controllers (VDDI = 3.3 V or VDDI > 3.5 V
if SLDO is activated). The output-side gate driver voltages VDDA, VDDB are generated by separate isolated
auxiliary supplies. In some topologies like LLC, the high side driver supply VDDA can be generated via a
bootstrapping circuitry.
For further application implementation guidance please refer to dedicated application notes.
Figure 1
Typical application with 5 V controller and bootstrapped high-side VDDA
DISABLE
GNDI
VDDI
(3.3V)
VDDB
OUTB
GNDB
VDDA
OUTA
GNDA
INA
Rg1
Rg2
M1
M2
Dboot
VBus
PGND
Controller
GND
PWM1
3
8
GPIOx 8
VDD 8
CVDDI
NC
SLDON
INB
UVLO
Control
Logic
UVLO
RX
UVLO
SLDO
Channel-to-Channel
Isolation
PWM2 8
RVDDI
VDD > 3.5V
Aux Power
(12V)
Logic
Logic
CVDDA
CVDDB
Vsw
RX
TX
TX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com