công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLB06M0000 bảng dữ liệu(PDF) 39 Page - Positronic.

tên linh kiện PLB06M0000
Giải thích chi tiết về linh kiện  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  POSITRONIC [Positronic.]
Trang chủ  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB06M0000 bảng dữ liệu(HTML) 39 Page - Positronic.

Back Button PLB06M0000 Datasheet HTML 35Page - Positronic. PLB06M0000 Datasheet HTML 36Page - Positronic. PLB06M0000 Datasheet HTML 37Page - Positronic. PLB06M0000 Datasheet HTML 38Page - Positronic. PLB06M0000 Datasheet HTML 39Page - Positronic. PLB06M0000 Datasheet HTML 40Page - Positronic. PLB06M0000 Datasheet HTML 41Page - Positronic. PLB06M0000 Datasheet HTML 42Page - Positronic. PLB06M0000 Datasheet HTML 43Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
33
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
TEMPERATURE RISE (˚C)
TEMPERATURE RISE (˚C)
System 5
Cable to Right
Angle (90°)
Board Mount
System 7
Cable to Cable
System 8
Panel Mounting
to Cable
System 9
Cable Connector with
Cable Adapter
System 1
Mother Board -
Daughter Board
System 2
Side to Side
Board Mounting
System 4
Sandwich Board
Mounting
System 6
Cable to Straight
Board Mount
CONNECTION SYSTEMS
CONNECTION SYSTEM
AND TEMPERATURE RISE CURVE
STANDARD CONTACT MATERIALS
CONNECTORS WITH PLB PREFIX
HIGH CONDUCTIVITY CONTACT MATERIALS
CONNECTORS WITH PLBH PREFIX
OR “S” SUFFIX ON CRIMP CONTACTS
TEMPERATURE RISE CURVE
Test conducted per IEC Publication 60512-3, Test 5a.
All power contacts under load.
Standard Density: Curve developed using PLB3W3M4BN0A1 and PLB3W3F300A1 mated
connector terminated to 12 AWG wire.
High Conductivity: Curve developed using PLBH3W3M9300A1 and PLBH3W3F9300A1 mated
connector terminated to 12 AWG wire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com