| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLB06M0000 bảng dữ liệu(PDF) 21 Page - Positronic. |
|
|
|||||||||||||||||||||||||||||
PLB06M0000 bảng dữ liệu(HTML) 21 Page - Positronic. |
|
21 / 72 page ![]() Power Connection Systems Positronic connectpositronic.com 15 DIMENSIONS ARE IN INCHES [MILLIMETERS]. ALL DIMENSIONS ARE SUBJECT TO CHANGE. 0.737±0.002 [18.72±0.05] 0.099±0.002 [2.51±0.05] TYP. 0.197±0.002 [5.00±0.05] 1.474±0.005 [37.44±0.13] 0.394±0.002 [10.01±0.05] 0.197±0.002 [5.00±0.05] 0.934±0.002 [23.72±0.05] 0.099±0.002 [2.51±0.05] TYP. 0.197±0.002 [5.00±0.05] 1.868±0.005 [47.45±0.13] 0.394±0.002 [10.01±0.05] 0.197±0.002 [5.00±0.05] 0.540±0.002 [13.72±0.05] 0.099±0.002 [2.51±0.05] TYP. 0.197±0.002 [5.00±0.05] 1.080±0.005 [27.43±0.13] 0.394±0.002 [10.01±0.05] 0.197±0.002 [5.00±0.05] 0.441±0.002 [11.20±0.05] 0.197±0.002 [5.00±0.05] TYP. 0.882±0.005 [22.40±0.13] 0.394±0.002 [10.01±0.05] 0.197±0.002 [5.00±0.05] 1.131±0.002 [28.73±0.05] 0.099±0.002 [2.51±0.05] TYP. 0.197±0.002 [5.00±0.05] 2.262±0.005 [57.45±0.13] 0.394±0.002 [10.01±0.05] 0.197±0.002 [5.00±0.05] PLC 30 PLC 18 PLC 24 PLC 09 PLC 12 STRAIGHT SOLDER AND COMPLIANT CONTACT HOLE PATTERN SUGGESTED PRINTED BOARD HOLE SIZES: Suggest 0.080 [2.03] Ø holes in printed board for solder contact termination positions. Suggest 0.100 [2.54] Ø holes in printed board when mounting connectors with # 2 thread forming screws. Suggest 0.123±0.003 [3.15±0.08] Ø holes in printed board when mounting connector with push-on fasteners. NOTE: See page 57 for suggested printed board drill hole sizes, recommended plating and finished hole sizes for compliant contact termination positions. Connectors Designed To Customer Specifications Positronic’s PLA(H), PLB(H), PLC(H) and PLS(H) series connectors can be modified to customers specifications. Examples: select loading of contacts for cost savings or to gain creepage and clearance distances; longer printed circuit board terminations; customer specified hardware. Positronic can develop and tool new connector designs with reasonable price and delivery. Contact Technical Sales with your particular requirements. |