công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLB06F7050/AA bảng dữ liệu(PDF) 60 Page - Positronic.

tên linh kiện PLB06F7050/AA
Giải thích chi tiết về linh kiện  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  POSITRONIC [Positronic.]
Trang chủ  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB06F7050/AA bảng dữ liệu(HTML) 60 Page - Positronic.

Back Button PLB06F7050/AA Datasheet HTML 56Page - Positronic. PLB06F7050/AA Datasheet HTML 57Page - Positronic. PLB06F7050/AA Datasheet HTML 58Page - Positronic. PLB06F7050/AA Datasheet HTML 59Page - Positronic. PLB06F7050/AA Datasheet HTML 60Page - Positronic. PLB06F7050/AA Datasheet HTML 61Page - Positronic. PLB06F7050/AA Datasheet HTML 62Page - Positronic. PLB06F7050/AA Datasheet HTML 63Page - Positronic. PLB06F7050/AA Datasheet HTML 64Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 72 page
background image
PLA (H), PLB (H), PLC (H) and PLS (H) connectors are offered with
removable crimp contacts. Positronic recognizes the
importance of supplying application tooling to
support our customers’ use of our products.
Information on application tooling is
available on our web site at
http://www.connectpositronic.com/design-tools/tooling
There you will find downloadable PDF cross reference
charts for removable and compliant press-in contacts. These charts
will supply part numbers for insertion, removal and crimping tools,
along with information regarding use of tools and techniques.
APPLICATION
TOOLS
SECTION
Power
Connection
Systems
Positronic
connectpositronic.com
CONTACT APPLICATION TOOLS
CROSS REFERENCE LIST
54
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
Connectors Designed To Customer Specifications
Positronic’s PLA(H), PLB(H), PLC(H) and PLS(H) series
connectors can be modified to customers specifications.
Examples: select loading of contacts for cost savings or to gain creepage and
clearance distances; longer printed circuit board terminations; customer specified hardware.
Positronic can develop and tool new connector designs
with reasonable price and delivery.
Contact Technical Sales with your particular requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com