công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLB06F7050/AA bảng dữ liệu(PDF) 48 Page - Positronic.

tên linh kiện PLB06F7050/AA
Giải thích chi tiết về linh kiện  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  POSITRONIC [Positronic.]
Trang chủ  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB06F7050/AA bảng dữ liệu(HTML) 48 Page - Positronic.

Back Button PLB06F7050/AA Datasheet HTML 44Page - Positronic. PLB06F7050/AA Datasheet HTML 45Page - Positronic. PLB06F7050/AA Datasheet HTML 46Page - Positronic. PLB06F7050/AA Datasheet HTML 47Page - Positronic. PLB06F7050/AA Datasheet HTML 48Page - Positronic. PLB06F7050/AA Datasheet HTML 49Page - Positronic. PLB06F7050/AA Datasheet HTML 50Page - Positronic. PLB06F7050/AA Datasheet HTML 51Page - Positronic. PLB06F7050/AA Datasheet HTML 52Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
42
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
PLB10W2 PANEL MOUNT CONNECTOR
FOR USE WITH SIZE 20 AND SIZE 8 REMOVABLE CONTACTS
CODE 1
CONTACTS ARE NOT SUPPLIED WITH CONNECTOR AND MUST BE ORDERED SEPARATELY
MALE
FEMALE
MALE
FEMALE
For panel cutout, see chart on page 63
For panel cutout, see chart on page 63.
Part Number:
PLB10W2M1000
Part Number:
PLB10W2F1000
PLC16W4 PANEL MOUNT CONNECTOR
FOR USE WITH SIZE 20 AND SIZE 8 REMOVABLE CONTACTS
CODE 1
CONTACTS ARE NOT SUPPLIED WITH CONNECTOR AND MUST BE ORDERED SEPARATELY
Part Number:
PLC16W4M1000
Part Number:
PLC16W4F1000
PANEL MOUNT CONNECTOR
For information regarding size 20 and size 8 removable contacts, see Removable Contact section, pages 47-53.
NOTE: MOUNTING SCREWS CAN BE SUPPLIED WITH CONNECTORS USING STEP
5 IN ORDERING INFORMATION ON PAGE 46. MOUNTING SCREWS CAN ALSO BE
ORDERED SEPARATELY BY PART NUMBER. SEE PAGE 59.
NOTE: MOUNTING SCREWS CAN BE SUPPLIED WITH CONNECTORS USING STEP
5 IN ORDERING INFORMATION ON PAGE 46. MOUNTING SCREWS CAN ALSO BE
ORDERED SEPARATELY BY PART NUMBER. SEE PAGE 59.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com