công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MLX90215 bảng dữ liệu(PDF) 9 Page - Melexis Microelectronic Systems

tên linh kiện MLX90215
Giải thích chi tiết về linh kiện  Precision Programmable Linear Hall Effect Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MELEXIS [Melexis Microelectronic Systems]
Trang chủ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90215 bảng dữ liệu(HTML) 9 Page - Melexis Microelectronic Systems

Back Button MLX90215 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90215 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90215 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90215 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90215 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90215 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90215 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90215 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90215 Datasheet HTML 10Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MLX90215
Precision Programmable
Linear Hall Effect Sensor
3901090215
Page 9
9/09/03
Rev 007
ApplicationNotes
LinearPrecisionCurrentSensor
The
Programmable
gain,
offset,
and
temperature
compensation of MLX90215 allows great flexiblity in
the design of a current sensor.
Current flowing through a conductor can produce a
proportional magnet field. The MLX90215 can then
produce an output voltage proportional to the current.
Using the programmable gain and offset function the
output of the MLX90215 can be adjusted to sense a
wide range of current allowing for a flexible design.
Slotted
Torroid
Example
Assuming
infinite
permeabilty of the core, the magnetic field through the
air gap produced by a single wire turn is given by
equation 2
Equation 2
Where: I = current in Amperes
B = magnetic field in Tesla
lg = length of air gap in Meters
uo = Permeability of free space (4
π10-7H/m)
This equation is a close estimate for the field in the air
gap, but does not take into account magnetic losses in
the core, fringing effects, and mechanical tolerances of
the air gap. The programmable MLX90215 can be
adjusted to compensate for these errors simplifying the
design. The temperature compensation of MLX90215
can also be adjusted to counteract temperature losses of
core.
For sensing a current ±100A, with an air gap of 2mm
equation 2 yields a magnetic field range of ±63mT. The
output range of the MLX90215 is 0.5V to 4.5V (4V full
scale). Equations 3a and 3b yield a sensitivity of 32mV/
mT and a Voq of 2.5V.
Equation 3
a) S = 4000mV/ 126mT
b) Voq = 4V/2 + 0.5V
The resulting gain of the current sensor is 20mV/A with
an offset of 2.5V. For best results it is recommend that
MLX90215 be programmed with a Voq of 50% Vdd 1/2
Vdd bit set.
o
g
u
l
I
B
=
Magnetic Suppliers:
Elna Ferrites Technologies Inc
Eastern Components
Fair Rite Products Corp



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com