công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MLX90215 bảng dữ liệu(PDF) 7 Page - Melexis Microelectronic Systems

tên linh kiện MLX90215
Giải thích chi tiết về linh kiện  Precision Programmable Linear Hall Effect Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MELEXIS [Melexis Microelectronic Systems]
Trang chủ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90215 bảng dữ liệu(HTML) 7 Page - Melexis Microelectronic Systems

Back Button MLX90215 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90215 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90215 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90215 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90215 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90215 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90215 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90215 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90215 Datasheet HTML 10Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MLX90215
Precision Programmable
Linear Hall Effect Sensor
3901090215
Page 7
9/09/03
Rev 007
ClampingtheOutputVoltage
The MLX90215 has a 2-bit CLAMP feature which
allows Four output voltage options. The CLAMP
feature is independent of the gain, and will not effect
sensitivity of the device. The table below illustrates
limits for each of the four options.
Bit Value
Limits (% VDD)
0 (default)
no clamp
1
5 to 45
2
10 to 90
3
5 to 95
ApplicationComments
The following is a list of recommended operating
parameters that will help to ensure the accuracy and
stability of the MLX90215. These are not the absolute
programming limits of the device.
1.) Voq is best programmed in the absence of any
magnetic influence and to voltages closest to 1/2
VDD, where temperature drift will be +/-0.4% or
less. It is not recommended to use VOQ values close
to 0 volts or VDD when programming extremely
high sensitivity (> 100 mV/mT) values. Tempera-
ture instability may be observed on some devices
under these conditions.
2.) Best linearity of sensitivity is obtained when VOQ i s
programmed at 1/2VDD. This is with the 1/2VDD
function enabled.
3.) Best linearity of sensitivity is obtained when the
gain
is
programmed
between
5mV/mT
and
100mV/mT.
4.) Best temperature stability is realized when the
temperature compensation function is programmed
to zero ppm/
oC.
5.) The Test/Readback pin is for diagnostic use only.
This pin is normally tied to GND. Contact Melexis
for more details on programming this device.
InstallationComments
1.) Avoid mechanical stress on leads or package.
Stress may cause VOQ shift.
A.) Avoid bending leads at the package interface.
B.) Support the leads by clamping, when bending.
C.) Avoid gluing device to another material. This
may cause temperature-related stress.
2.) CMOS products are static sensitive devices, please
observe ESD precautions.
3.) Observe temperature limits during soldering.
BitAllocationTable
Bit
Function
1
INVERTSLOPE
2
OFFSETDAC 5
3
OFFSETDAC 6
4
OFFSETDAC 7
5
OFFSETDAC 8
6
OFFSETDAC 9
7
OFFSETDAC 4
8
OFFSETDAC 3
9
OFFSETDAC 2
10
OFFSETDAC 1
11
OFFSETDAC 0
12
FINEGAIN 0
13
FINEGAIN 1
14
FINEGAIN 2
15
HALFVDD
16
FINEGAIN 3
17
FINEGAIN 4
18
FINEGAIN 5
19
FINEGAIN 8
20
FINEGAIN 9
22
FINEGAIN 7
23
ROUGHGAIN 2
24
ROUGHGAIN 1
25
ROUGHGAIN 0
26
TEMP CO 0
27
TEMP CO 1
28
TEMP CO 2
29
TEMP CO 3
30
TEMP CO 4
31
CLAMP 1
32
CLAMP 0
33
MEMLOCK
34
TEST 0
35
TEST 1
36
TEST 2
37
TEST 3
21
FINEGAIN 6



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com