công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L3234 bảng dữ liệu(PDF) 23 Page - STMicroelectronics

tên linh kiện L3234
Giải thích chi tiết về linh kiện  HIGHLY INTEGRATED SLIC KIT TARGETED TO PABX AND KEY SYSTEM APPLICATIONS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3234 bảng dữ liệu(HTML) 23 Page - STMicroelectronics

Back Button L3234 Datasheet HTML 18Page - STMicroelectronics L3234 Datasheet HTML 19Page - STMicroelectronics L3234 Datasheet HTML 20Page - STMicroelectronics L3234 Datasheet HTML 21Page - STMicroelectronics L3234 Datasheet HTML 22Page - STMicroelectronics L3234 Datasheet HTML 23Page - STMicroelectronics L3234 Datasheet HTML 24Page - STMicroelectronics L3234 Datasheet HTML 25Page - STMicroelectronics L3234 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
APPENDIX B
LAYOUT SUGGESTIONS
Standard layout rules should be followed in order
to get the best system performances:
1) Use always 100nF filtering capacitor close to
the supply pins of each IC.
2) The L3235 bias resistor (RR) should be connected
close to the corresponding pins of L3235
(REF and AGND).
Figure A7: Transversal to Longitudinal Conversion
L3234 - L3235
23/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26