công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RF5924PCBA-41X bảng dữ liệu(PDF) 3 Page - RF Micro Devices

tên linh kiện RF5924PCBA-41X
Giải thích chi tiết về linh kiện  3.7V, SINGLE-BAND FRONT-END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RFMD [RF Micro Devices]
Trang chủ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5924PCBA-41X bảng dữ liệu(HTML) 3 Page - RF Micro Devices

  RF5924PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF5924PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF5924PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF5924PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF5924PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF5924PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF5924PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF5924PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF5924PCBA-41X Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3 of 14
RF5924
Rev A6 DS061018
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
WLAN TX Path, cont’d
General Parameters
TX Port Nominal Impedance
50
Ω
TX Input Port VSWR
2:1
Across all PIN range
FEM Output Port VSWR
2:1
POUT=0 to rated POUT(g) and POUT(b)
Stability
-80
dBc
Ruggedness VSWR
10:1
All phases, no damage,
VCC=5.4V, PIN=+5dBm, Temp=+85°C
WLAN TX Gain
26.5
30.0
dB
In band, all other ports terminated in their
nominal impedances at rated POUT(g) and
POUT(b). Meeting ACP1/ACP2 at POUT(b) and
EVM at POUT(g).
Gain Variation Over Band
-0.5
+0.5
dB
Gain Variation Over Voltage
0.7
dB/V
VCC=3.1V to 4.5V
PA Leakage Current
<1
10
μA
PA_EN=0, no RF, VCC=on.
Gain Settling Time
0.5
2.0
μs
Both rise and fall time, up to -0.2dB from the
final power level
PA Noise Figure
7
dB
Second and Third Harmonic
-38
dBc
At the FEM out port
Out of Band Performance
S21 (DC to 960MHz)
25
dB
S21 (1570MHz to 1580MHz)
10
dB
S21 (1805MHz to 1990MHz)
20
dB
S21 (2110MHz to 2170MHz)
15.5
dB
All other ports terminated in their nominal
impedances
Power Detector Performance
Power Detector Voltage Range
0.1
1.0
V
For output power from 0dBm to 21dBm, pro-
grammable via resistor divider.
Power Detector Load Resistance
10
k
Ω
Power Detector Load
Capacitance
0.5
pF
Power Detector Bandwidth
800
1000
kHz
Power Detector Sensitivity
25
mV/dBm
For PO>+10dBm
10
mV/dBm
For PO<+10dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com