| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P2PPSM55 bảng dữ liệu(PDF) 3 Page - nVent Electric plc |
|
|
|||||||||||||||||||||||||||||
P2PPSM55 bảng dữ liệu(HTML) 3 Page - nVent Electric plc |
|
3 / 12 page ![]() PROLINE G2 INtERNaL COmPONENts Panels and accessories nVent.com/HOFFMAN SUBJECT TO CHANGE WITHOUT NOTICE mOduLaR ENCLOsuRE sOLutIONs 3 Spec-01198 D Standard Product side mount Catalog Number H (mm) H (in.) W (mm) W (in.) Gauge Fits Frame H x W Description P2PSM64 527 20.7 253 10.0 12 600x400 Painted P2PSM64G 527 20.7 253 10.0 12 600x400 Conductive P2PSM66 527 20.7 453 17.8 12 600x600 Painted P2PSM66G 527 20.7 453 17.8 12 600x600 Conductive P2PSM68 527 20.7 653 25.7 12 600x800 Painted P2PSM68G 527 20.7 653 25.7 12 600x800 Conductive P2PSM86 727 28.6 453 17.8 12 800x600 Painted P2PSM86G 727 28.6 453 17.8 12 800x600 Conductive P2PSM88 727 28.6 653 25.7 12 800x800 Painted P2PSM88G 727 28.6 653 25.7 12 800x800 Conductive P2PSM105 927 36.5 353 13.9 12 1000x500 Painted P2PSM105G 927 36.5 353 13.9 12 1000x500 Conductive P2PSM106 927 36.5 453 17.8 12 1000x600 Painted P2PSM106G 927 36.5 453 17.8 12 1000x600 Conductive P2PSM108 927 36.5 653 25.7 12 1000x800 Painted P2PSM108G 927 36.5 653 25.7 12 1000x800 Conductive P2PSM125 1127 44.4 353 13.9 12 1200x500 Painted P2PSM125G 1127 44.4 353 13.9 12 1200x500 Conductive P2PSM126 1127 44.4 453 17.8 12 1200x600 Painted P2PSM126G 1127 44.4 453 17.8 12 1200x600 Conductive P2PSM128 1127 44.4 653 25.7 12 1200x800 Painted P2PSM128G 1127 44.4 653 25.7 12 1200x800 Conductive P2PSM145 1327 52.2 353 13.9 12 1400x500 Painted P2PSM145G 1327 52.2 353 13.9 12 1400x500 Conductive P2PSM146 1327 52.2 453 17.8 12 1400x600 Painted P2PSM146G 1327 52.2 453 17.8 12 1400x600 Conductive P2PSM148 1327 52.2 653 25.7 12 1400x800 Painted P2PSM148G 1327 52.2 653 25.7 12 1400x800 Conductive P2PSM164 1527 60.1 253 10.0 12 1600x400 Painted P2PSM164G 1527 60.1 253 10.0 12 1600x400 Conductive P2PSM165 1527 60.1 353 13.9 12 1600x500 Painted P2PSM165G 1527 60.1 353 13.9 12 1600x500 Conductive P2PSM166 1527 60.1 453 17.8 12 1600x600 Painted P2PSM166G 1527 60.1 453 17.8 12 1600x600 Conductive P2PSM168 1527 60.1 653 25.7 12 1600x800 Painted P2PSM168G 1527 60.1 653 25.7 12 1600x800 Conductive P2PSM184 1727 68.0 253 10.0 12 1800x400 Painted P2PSM184G 1727 68.0 253 10.0 12 1800x400 Conductive P2PSM185 1727 68.0 353 13.9 12 1800x500 Painted P2PSM185G 1727 68.0 353 13.9 12 1800x500 Conductive P2PSM186 1727 68.0 453 17.8 12 1800x600 Painted P2PSM186G 1727 68.0 453 17.8 12 1800x600 Conductive P2PSM188 1727 68.0 653 25.7 12 1800x800 Painted P2PSM188G 1727 68.0 653 25.7 12 1800x800 Conductive P2PSM204 1927 75.9 253 10.0 12 2000x400 Painted P2PSM204G 1927 75.9 253 10.0 12 2000x400 Conductive P2PSM205 1927 75.9 353 13.9 12 2000x500 Painted P2PSM205G 1927 75.9 353 13.9 12 2000x500 Conductive P2PSM206 1927 75.9 453 17.8 12 2000x600 Painted P2PSM206G 1927 75.9 453 17.8 12 2000x600 Conductive P2PSM208 1927 75.9 653 25.7 12 2000x800 Painted P2PSM208G 1927 75.9 653 25.7 12 2000x800 Conductive P2PSM2010 1927 75.9 853 33.6 12 2000x1000 Painted P2PSM2010G 1927 75.9 853 33.6 12 2000x1000 Conductive P2PSM224 2127 83.7 253 10.0 12 2200x400 Painted P2PSM224G 2127 83.7 253 10.0 12 2200x400 Conductive P2PSM225 2127 83.7 353 13.9 12 2200x500 Painted P2PSM225G 2127 83.7 353 13.9 12 2200x500 Conductive P2PSM226 2127 83.7 453 17.8 12 2200x600 Painted P2PSM226G 2127 83.7 453 17.8 12 2200x600 Conductive P2PSM228 2127 83.7 653 25.7 12 2200x800 Painted P2PSM228G 2127 83.7 653 25.7 12 2200x800 Conductive P2PSM2210 2127 83.7 853 33.6 12 2200x1000 Painted P2PSM2210G 2127 83.7 853 33.6 12 2200x1000 Conductive |