công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P2PPSM55 bảng dữ liệu(PDF) 8 Page - nVent Electric plc

tên linh kiện P2PPSM55
Giải thích chi tiết về linh kiện  Full Subpanel (Rear or Si de)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NVENT [nVent Electric plc]
Trang chủ  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

P2PPSM55 bảng dữ liệu(HTML) 8 Page - nVent Electric plc

Back Button P2PPSM55 Datasheet HTML 4Page - nVent Electric plc P2PPSM55 Datasheet HTML 5Page - nVent Electric plc P2PPSM55 Datasheet HTML 6Page - nVent Electric plc P2PPSM55 Datasheet HTML 7Page - nVent Electric plc P2PPSM55 Datasheet HTML 8Page - nVent Electric plc P2PPSM55 Datasheet HTML 9Page - nVent Electric plc P2PPSM55 Datasheet HTML 10Page - nVent Electric plc P2PPSM55 Datasheet HTML 11Page - nVent Electric plc P2PPSM55 Datasheet HTML 12Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PROLINE G2 INtERNaL COmPONENts Panels and accessories
PH 763.422.2211
nVent.com/HOFFMAN
mOduLaR ENCLOsuRE sOLutIONs
8
Spec-01198 D
Standard Product
  side-mount Partial subpanels
Catalog Number
H (mm)
H (in.)
D (mm)
D (in.)
Fits Frame HxD (mm)
Description
P2PPSM54
433
17.0
253
10.0
500x400
Painted
P2PPSM54G
433
17.0
253
10.0
500x400
Conductive
P2PPSM55
433
17.0
353
13.9
500x500
Painted
P2PPSM55G
433
17.0
353
13.9
500x500
Conductive
P2PPSM56
433
17.0
453
17.8
500x600
Painted
P2PPSM56G
433
17.0
453
17.8
500x600
Conductive
P2PPSM58
433
17.0
653
25.7
500x800
Painted
P2PPSM58G
433
17.0
653
25.7
500x800
Conductive
P2PPSM510
433
17.0
853
33.6
500x1000
Painted
P2PPSM510G
433
17.0
853
33.6
500x1000
Conductive
P2PPSM74
633
24.9
253
10.0
700x400
Painted
P2PPSM74G
633
24.9
253
10.0
700x400
Conductive
P2PPSM75
633
24.9
353
13.9
700x500
Painted
P2PPSM75G
633
24.9
353
13.9
700x500
Conductive
P2PPSM76
633
24.9
453
17.8
700x600
Painted
P2PPSM76G
633
24.9
453
17.8
700x600
Conductive
P2PPSM78
633
24.9
653
25.7
700x800
Painted
P2PPSM78G
633
24.9
653
25.7
700x800
Conductive
P2PPSM710
633
24.9
853
33.6
700x1000
Painted
P2PPSM710G
633
24.9
853
33.6
700x1000
Conductive
P2PPSM94
833
32.8
253
10.0
900x400
Painted
P2PPSM94G
833
32.8
253
10.0
900x400
Conductive
P2PPSM95
833
32.8
353
13.9
900x500
Painted
P2PPSM95G
833
32.8
353
13.9
900x500
Conductive
P2PPSM96
833
32.8
453
17.8
900x600
Painted
P2PPSM96G
833
32.8
453
17.8
900x600
Conductive
P2PPSM98
833
32.8
653
25.7
900x800
Painted
P2PPSM98G
833
32.8
653
25.7
900x800
Conductive
P2PPSM910
833
32.8
853
33.6
900x1000
Painted
P2PPSM910G
833
32.8
853
33.6
900x1000
Conductive
P2PPSM114
1033
40.7
253
10.0
1100x400
Painted
P2PPSM114G
1033
40.7
253
10.0
1100x400
Conductive
P2PPSM115
1033
40.7
353
13.9
1100x500
Painted
P2PPSM115G
1033
40.7
353
13.9
1100x500
Conductive
P2PPSM116
1033
40.7
453
17.8
1100x600
Painted
P2PPSM116G
1033
40.7
453
17.8
1100x600
Conductive
P2PPSM118
1033
40.7
653
25.7
1100x800
Painted
P2PPSM118G
1033
40.7
653
25.7
1100x800
Conductive
P2PPSM1110
1033
40.7
853
33.6
1100x1000
Painted
P2PPSM1110G
1033
40.7
853
33.6
1100x1000
Conductive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12