công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P2PSM166 bảng dữ liệu(PDF) 9 Page - nVent Electric plc

tên linh kiện P2PSM166
Giải thích chi tiết về linh kiện  Full Subpanel (Rear or Si de)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NVENT [nVent Electric plc]
Trang chủ  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

P2PSM166 bảng dữ liệu(HTML) 9 Page - nVent Electric plc

Back Button P2PSM166 Datasheet HTML 4Page - nVent Electric plc P2PSM166 Datasheet HTML 5Page - nVent Electric plc P2PSM166 Datasheet HTML 6Page - nVent Electric plc P2PSM166 Datasheet HTML 7Page - nVent Electric plc P2PSM166 Datasheet HTML 8Page - nVent Electric plc P2PSM166 Datasheet HTML 9Page - nVent Electric plc P2PSM166 Datasheet HTML 10Page - nVent Electric plc P2PSM166 Datasheet HTML 11Page - nVent Electric plc P2PSM166 Datasheet HTML 12Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PROLINE G2 INtERNaL COmPONENts Panels and accessories
nVent.com/HOFFMAN
SUBJECT TO CHANGE WITHOUT NOTICE
mOduLaR ENCLOsuRE sOLutIONs
9
Spec-01198 D
swING-Out PaNEL
aPPLICatION
The PROLINE G2 Swing-Out Mounting Subpanel (Mounting
Plate) allows a front-mounted subpanel to pivot out of a modular
enclosure frame opening.
FEatuREs
•
Panels provide 170 degrees of rotation, with capability to hinge
from the right or left side
•
Spring-loaded pivot post allows for easy installation
•
Conductive or painted versions available
FINIsH
Painted versions:
•
Painted polyester powder paint; white
•
Custom colors available
Bulletin: p40
Standard Product
 
Catalog Number
H
mm/in.
W
mm/in.
Fits Frame HxW
mm
Finish
P2PSO126
1145
45.1
547
21.5
1200 x 600
Painted
P2PSO126G
1145
45.1
547
21.5
1200 x 600
Conductive
P2PSO128
1145
45.1
747
29.4
1200 x 800
Painted
P2PSO128G
1145
45.1
747
29.4
1200 x 800
Conductive
P2PSO146
1345
53.0
547
21.5
1400 x 600
Painted
P2PSO146G
1345
53.0
547
21.5
1400 x 600
Conductive
P2PSO148
1345
53.0
747
29.4
1400 x 800
Painted
P2PSO148G
1345
53.0
747
29.4
1400 x 800
Conductive
P2PSO166
1545
60.8
547
21.5
1600 x 600
Painted
P2PSO166G
1545
60.8
547
21.5
1600 x 600
Conductive
P2PSO168
1545
60.8
747
29.4
1600 x 800
Painted
P2PSO168G
1545
60.8
747
29.4
1600 x 800
Conductive
P2PSO186
1745
68.7
547
21.5
1800 x 600
Painted
P2PSO186G
1745
68.7
547
21.5
1800 x 600
Conductive
P2PSO188
1745
68.7
747
29.4
1800 x 800
Painted
P2PSO188G
1745
68.7
747
29.4
1800 x 800
Conductive
P2PSO206
1945
76.6
547
21.5
2000 x 600
Painted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12