công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P2PSM166 bảng dữ liệu(PDF) 7 Page - nVent Electric plc

tên linh kiện P2PSM166
Giải thích chi tiết về linh kiện  Full Subpanel (Rear or Si de)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NVENT [nVent Electric plc]
Trang chủ  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

P2PSM166 bảng dữ liệu(HTML) 7 Page - nVent Electric plc

Back Button P2PSM166 Datasheet HTML 3Page - nVent Electric plc P2PSM166 Datasheet HTML 4Page - nVent Electric plc P2PSM166 Datasheet HTML 5Page - nVent Electric plc P2PSM166 Datasheet HTML 6Page - nVent Electric plc P2PSM166 Datasheet HTML 7Page - nVent Electric plc P2PSM166 Datasheet HTML 8Page - nVent Electric plc P2PSM166 Datasheet HTML 9Page - nVent Electric plc P2PSM166 Datasheet HTML 10Page - nVent Electric plc P2PSM166 Datasheet HTML 11Page - nVent Electric plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PROLINE G2 INtERNaL COmPONENts Panels and accessories
nVent.com/HOFFMAN
SUBJECT TO CHANGE WITHOUT NOTICE
mOduLaR ENCLOsuRE sOLutIONs
7
Spec-01198 D
Standard Product
  Front- or Rear-mount Partial subpanels
Catalog Number
H (mm)
H (in.)
W (mm)
W (in.)
Fits Frame HxW (mm)
Description
P2PP54
514
20.2
326
12.8
500x400
Painted
P2PP54G
514
20.2
326
12.8
500x400
Conductive
P2PP56
514
20.2
526
20.7
500x600
Painted
P2PP56G
514
20.2
526
20.7
500x600
Conductive
P2PP58
514
20.2
726
28.6
500x800
Painted
P2PP58G
514
20.2
726
28.6
500x800
Conductive
P2PP510
514
20.2
926
36.5
500x1000
Painted
P2PP510G
514
20.2
926
36.5
500x1000
Conductive
P2PP512
514
20.2
1126
44.3
500x1200
Painted
P2PP512G
514
20.2
1126
44.3
500x1200
Conductive
P2PP74
714
28.1
326
12.8
700x400
Painted
P2PP74G
714
28.1
326
12.8
700x400
Conductive
P2PP76
714
28.1
526
20.7
700x600
Painted
P2PP76G
714
28.1
526
20.7
700x600
Conductive
P2PP78
714
28.1
726
28.6
700x800
Painted
P2PP78G
714
28.1
726
28.6
700x800
Conductive
P2PP710
714
28.1
926
36.5
700x1000
Painted
P2PP710G
714
28.1
926
36.5
700x1000
Conductive
P2PP712
714
28.1
1126
44.3
700x1200
Painted
P2PP712G
714
28.1
1126
44.3
700x1200
Conductive
P2PP94
914
36.0
326
12.8
900x400
Painted
P2PP94G
914
36.0
326
12.8
900x400
Conductive
P2PP96
914
36.0
526
20.7
900x600
Painted
P2PP96G
914
36.0
526
20.7
900x600
Conductive
P2PP98
914
36.0
726
28.6
900x800
Painted
P2PP98G
914
36.0
726
28.6
900x800
Conductivev
P2PP910
914
36.0
926
36.5
900x1000
Painted
P2PP910G
914
36.0
926
36.5
900x1000
Conductive
P2PP912
914
36.0
1126
44.3
900x1200
Painted
P2PP912G
914
36.0
1126
44.3
900x1200
Conductive
P2PP114
1114
43.8
326
12.8
1100x400
Painted
P2PP114G
1114
43.8
326
12.8
1100x400
Conductive
P2PP116
1114
43.8
526
20.7
1100x600
Painted
P2PP116G
1114
43.8
526
20.7
1100x600
Conductive
P2PP118
1114
43.8
726
28.6
1100x800
Painted
P2PP118G
1114
43.8
726
28.6
1100x800
Conductive
P2PP1110
1114
43.8
926
36.5
1100x1000
Painted
P2PP1110G
1114
43.8
926
36.5
1100x1000
Conductive
P2PP1112
1114
43.8
1126
44.3
1100x1200
Painted
P2PP1112G
1114
43.8
1126
44.3
1100x1200
Conductive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12