công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P2PSM106 bảng dữ liệu(PDF) 3 Page - nVent Electric plc

tên linh kiện P2PSM106
Giải thích chi tiết về linh kiện  Full Subpanel (Rear or Si de)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NVENT [nVent Electric plc]
Trang chủ  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

P2PSM106 bảng dữ liệu(HTML) 3 Page - nVent Electric plc

  P2PSM106 Datasheet HTML 1Page - nVent Electric plc P2PSM106 Datasheet HTML 2Page - nVent Electric plc P2PSM106 Datasheet HTML 3Page - nVent Electric plc P2PSM106 Datasheet HTML 4Page - nVent Electric plc P2PSM106 Datasheet HTML 5Page - nVent Electric plc P2PSM106 Datasheet HTML 6Page - nVent Electric plc P2PSM106 Datasheet HTML 7Page - nVent Electric plc P2PSM106 Datasheet HTML 8Page - nVent Electric plc P2PSM106 Datasheet HTML 9Page - nVent Electric plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PROLINE G2 INtERNaL COmPONENts Panels and accessories
nVent.com/HOFFMAN
SUBJECT TO CHANGE WITHOUT NOTICE
mOduLaR ENCLOsuRE sOLutIONs
3
Spec-01198 D
Standard Product
 side mount
Catalog Number
H (mm)
H (in.)
W (mm)
W (in.)
Gauge
Fits Frame H x W
Description
P2PSM64
527
20.7
253
10.0
12
600x400
Painted
P2PSM64G
527
20.7
253
10.0
12
600x400
Conductive
P2PSM66
527
20.7
453
17.8
12
600x600
Painted
P2PSM66G
527
20.7
453
17.8
12
600x600
Conductive
P2PSM68
527
20.7
653
25.7
12
600x800
Painted
P2PSM68G
527
20.7
653
25.7
12
600x800
Conductive
P2PSM86
727
28.6
453
17.8
12
800x600
Painted
P2PSM86G
727
28.6
453
17.8
12
800x600
Conductive
P2PSM88
727
28.6
653
25.7
12
800x800
Painted
P2PSM88G
727
28.6
653
25.7
12
800x800
Conductive
P2PSM105
927
36.5
353
13.9
12
1000x500
Painted
P2PSM105G
927
36.5
353
13.9
12
1000x500
Conductive
P2PSM106
927
36.5
453
17.8
12
1000x600
Painted
P2PSM106G
927
36.5
453
17.8
12
1000x600
Conductive
P2PSM108
927
36.5
653
25.7
12
1000x800
Painted
P2PSM108G
927
36.5
653
25.7
12
1000x800
Conductive
P2PSM125
1127
44.4
353
13.9
12
1200x500
Painted
P2PSM125G
1127
44.4
353
13.9
12
1200x500
Conductive
P2PSM126
1127
44.4
453
17.8
12
1200x600
Painted
P2PSM126G
1127
44.4
453
17.8
12
1200x600
Conductive
P2PSM128
1127
44.4
653
25.7
12
1200x800
Painted
P2PSM128G
1127
44.4
653
25.7
12
1200x800
Conductive
P2PSM145
1327
52.2
353
13.9
12
1400x500
Painted
P2PSM145G
1327
52.2
353
13.9
12
1400x500
Conductive
P2PSM146
1327
52.2
453
17.8
12
1400x600
Painted
P2PSM146G
1327
52.2
453
17.8
12
1400x600
Conductive
P2PSM148
1327
52.2
653
25.7
12
1400x800
Painted
P2PSM148G
1327
52.2
653
25.7
12
1400x800
Conductive
P2PSM164
1527
60.1
253
10.0
12
1600x400
Painted
P2PSM164G
1527
60.1
253
10.0
12
1600x400
Conductive
P2PSM165
1527
60.1
353
13.9
12
1600x500
Painted
P2PSM165G
1527
60.1
353
13.9
12
1600x500
Conductive
P2PSM166
1527
60.1
453
17.8
12
1600x600
Painted
P2PSM166G
1527
60.1
453
17.8
12
1600x600
Conductive
P2PSM168
1527
60.1
653
25.7
12
1600x800
Painted
P2PSM168G
1527
60.1
653
25.7
12
1600x800
Conductive
P2PSM184
1727
68.0
253
10.0
12
1800x400
Painted
P2PSM184G
1727
68.0
253
10.0
12
1800x400
Conductive
P2PSM185
1727
68.0
353
13.9
12
1800x500
Painted
P2PSM185G
1727
68.0
353
13.9
12
1800x500
Conductive
P2PSM186
1727
68.0
453
17.8
12
1800x600
Painted
P2PSM186G
1727
68.0
453
17.8
12
1800x600
Conductive
P2PSM188
1727
68.0
653
25.7
12
1800x800
Painted
P2PSM188G
1727
68.0
653
25.7
12
1800x800
Conductive
P2PSM204
1927
75.9
253
10.0
12
2000x400
Painted
P2PSM204G
1927
75.9
253
10.0
12
2000x400
Conductive
P2PSM205
1927
75.9
353
13.9
12
2000x500
Painted
P2PSM205G
1927
75.9
353
13.9
12
2000x500
Conductive
P2PSM206
1927
75.9
453
17.8
12
2000x600
Painted
P2PSM206G
1927
75.9
453
17.8
12
2000x600
Conductive
P2PSM208
1927
75.9
653
25.7
12
2000x800
Painted
P2PSM208G
1927
75.9
653
25.7
12
2000x800
Conductive
P2PSM2010
1927
75.9
853
33.6
12
2000x1000
Painted
P2PSM2010G
1927
75.9
853
33.6
12
2000x1000
Conductive
P2PSM224
2127
83.7
253
10.0
12
2200x400
Painted
P2PSM224G
2127
83.7
253
10.0
12
2200x400
Conductive
P2PSM225
2127
83.7
353
13.9
12
2200x500
Painted
P2PSM225G
2127
83.7
353
13.9
12
2200x500
Conductive
P2PSM226
2127
83.7
453
17.8
12
2200x600
Painted
P2PSM226G
2127
83.7
453
17.8
12
2200x600
Conductive
P2PSM228
2127
83.7
653
25.7
12
2200x800
Painted
P2PSM228G
2127
83.7
653
25.7
12
2200x800
Conductive
P2PSM2210
2127
83.7
853
33.6
12
2200x1000
Painted
P2PSM2210G
2127
83.7
853
33.6
12
2200x1000
Conductive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12