| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P2PSM106 bảng dữ liệu(PDF) 10 Page - nVent Electric plc |
|
|
|||||||||||||||||||||||||||||
P2PSM106 bảng dữ liệu(HTML) 10 Page - nVent Electric plc |
|
10 / 12 page ![]() PROLINE G2 INtERNaL COmPONENts Panels and accessories PH 763.422.2211 nVent.com/HOFFMAN mOduLaR ENCLOsuRE sOLutIONs 10 Spec-01198 D Catalog Number H mm/in. W mm/in. Fits Frame HxW mm Finish P2PSO206G 1945 76.6 547 21.5 2000 x 600 Conductive P2PSO208 1945 76.6 747 29.4 2000 x 800 Painted P2PSO208G 1945 76.6 747 29.4 2000 x 800 Conductive P2PSO226 2145 84.5 547 21.5 2200 x 600 Painted P2PSO226G 2145 84.5 547 21.5 2200 x 600 Conductive P2PSO228 2145 84.5 747 29.4 2200 x 800 Painted P2PSO228G 2145 84.5 747 29.4 2200 x 800 Conductive P2 Model PROLINE G2 P Component Mounting Subpanel G Specialty Blank = painted G = galvanized SO Type Blank = full subpanel SM = full, side-mount J = joining P = partial PSM = partial, side-mount SO = swing-out 20 Height mm 22 = 2200 20 = 2000 18 = 1800 16 = 1600 14 = 1400 12 = 1200 10 = 1000 8 = 800 6 = 600 8 Width mm 18 = 1800 16 = 1600 14 = 1400 12 = 1200 10 = 1000 8 = 800 6 = 600 4 = 400 P2PSO208G Catalog Number |