| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LLCC68 bảng dữ liệu(PDF) 17 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
LLCC68 bảng dữ liệu(HTML) 17 Page - Semtech Corporation |
|
17 / 111 page ![]() LLCC68 Data Sheet Rev. 1.1 DS.LLCC68.W.APP Dec 2024 17 of 111 Semtech LLCC68 www.semtech.com Table 3-6: Power Consumption in Transmit Mode Symbol Frequency Band PA Match / Condition Power Output Typical Unit IDDTX1 868/915MHz +22dBm +22dBm +20dBm +17dBm +14dBm 118 102 95 90 mA mA mA mA +20dBm / optimal settings 2 +20dBm 84 mA +17dBm / optimal settings 2 +17dBm 58 mA +14dBm / optimal settings 2 +14dBm 45 mA 434/490MHz +22dBm +22dBm +20dBm +17dBm +14dBm 107 90 75 63 mA mA mA mA +20dBm / optimal settings 2 +20dBm 65 mA +17dBm / optimal settings 2 +17dBm 42 mA +14dBm / optimal settings 2 +14dBm 32 mA 1. DC-DC mode is used for the IC core but the PA is supplied from VBAT. For more details, see Section 5.1 "Selecting DC-DC Converter or LDO Regulation" on page 31 2. Optimal settings adapted to the specified output power. For more details, see Section 13.1.14.1 "PA Optimal Settings" on page 76 |