công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FMPRMARM bảng dữ liệu(PDF) 1 Page - Infinite Electronics International, Inc.

tên linh kiện FMPRMARM
Giải thích chi tiết về linh kiện  Non-Penetrating Antenna Peak Roof Mount 34-inch Pole Only
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRVIEW [Infinite Electronics International, Inc.]
Trang chủ  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMPRMARM bảng dữ liệu(HTML) 1 Page - Infinite Electronics International, Inc.

  FMPRMARM Datasheet HTML 1Page - Infinite Electronics International, Inc. FMPRMARM Datasheet HTML 2Page - Infinite Electronics International, Inc. FMPRMARM Datasheet HTML 3Page - Infinite Electronics International, Inc. FMPRMARM Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The Right Parts, Right Away
+1 (866) 839-4711 | sales@fairviewmicrowave.com | fairviewmicrowave.com
1
© 2023 Infinite Electronics, Inc. Fairview Microwave is a registered trademark of Infinite Electronics, Inc.
Non-Penetrating Antenna Peak Roof Mount 34-inch Pole Only
FMPRMARM
Features
• Easy assembly instructions
• 5 ft tall center mast
• Secondary arm of 2.75 ft
• Powder coated galvanized steel
• Operating windspeeds up to 50 KM/h (31 mph)
• Survival windspeeds up to 100 KM/h (62 mph)
• All assembly hardware included
• Optional mat for max surface tension/protection
• Standard 16” x 8” cinder blocks (Not included)
• 150-degree max angle for roof pitch
Applications
• De-centralized wireless networks (FreedomFi, Helium, POLLEN,
XNET, MetaBlox, etc.)
• Wireless or satellite antenna
• Scientific and weather instrumentations
• Security camera and instruments
• Solar panel
Description
The Fairview Microwave’s FMPRMARM non-penetrating antenna peak roof mount pole is available for antenna installations and it is easy
to transport. This 34-inch non-penetrating antenna mount pole has a strong and rugged design made up of galvanized steel. Our peak roof
mount is designed for telecom installers, DIY installers, and satellite dish installers.
This peak roof mount pole has a powder coating to withstand harsh climates and corrosion. The non-penetrating antenna peak roof mount
has operating windspeeds up to 50 Km/h or 31 MPH and survives at windspeeds up to 100 Km/h or 62 MPH. Our non-penetrating roof
mount is used for peak roofs and is available with easy assembly instructions.
The non-penetrating peak roof mount is suitable for wireless internet providers, crypto enterprises, and commercial building owners that can
be mounted on roofs. Ballast material (i.e., cinder blocks, concrete blocks, etc.) are used in these non-drill roof mounts to anchor them to the
roof. This non-penetrating antenna peak roof mount pole doesn’t need screws or anchors, which minimizes damage to the roofs.
Fairview Microwave’s has the largest in-stock selection of non-penetrating antenna peak roof mount pole for international and domestic
orders. Make your online purchase right now to take advantage of our same-day shipping. For further information on similar products, our
expert technical support and knowledgeable sales team can help you get the perfect 34-inch non-penetrating antenna roof mount pole for
your requirements.
Note: Ballast data should be determined by a local professional engineer. Adequate ballast material must be determined and provided by
others.
.


Số phần tương tự - FMPRMARM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infinite Electronics In...
FMPRM1 FAIRVIEW-FMPRM1 Datasheet
743Kb / 4P
Non-Penetrating Antenna Peak Roof Mount, 1-pole Version, 60-inch Mast, Galvanized Steel with Powder Coating
REV 1 A
FMPRM1-KIT FAIRVIEW-FMPRM1-KIT Datasheet
494Kb / 4P
Non-Penetrating Peak Roof Mount with 2 Rubber Mats, 1-pole Version, 60-inch Mast, Galvanized Steel with Powder Coating
A
FMPRM2 FAIRVIEW-FMPRM2 Datasheet
600Kb / 4P
Non-Penetrating Peak Roof Mount 60-inch Mast and 34-inch Extra Pole, 2-pole Version, Galvanized Steel with Powder Coating
A
FMPRM2-KIT FAIRVIEW-FMPRM2-KIT Datasheet
526Kb / 4P
Non-Penetrating Peak Roof Mount 60-inch Mast, 34-inch Extra Pole and 2 Rubber Mats, 2-pole Version, Galvanized Steel with Powder Coating
A
More results

Mô tả tương tự - FMPRMARM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
MAANIN0040 MACOM-MAANIN0040 Datasheet
107Kb / 1P
Automotive Roof MountSirius Satellite Digital Radio Antenna
MAANIN0050 MACOM-MAANIN0050 Datasheet
106Kb / 1P
Automotive Roof Mount XM Satellite Digital Radio Antenna
MAANIN0055 MACOM-MAANIN0055 Datasheet
113Kb / 1P
Automotive Roof Mount Sirius Satellite Digital Radio Antenna
logo
List of Unclassifed Man...
MRF-190 ETC2-MRF-190 Datasheet
398Kb / 1P
ROOF MOUNT VENTILATING
MRF-220 ETC2-MRF-220 Datasheet
399Kb / 1P
ROOF MOUNT VENTILATING
logo
Pulse A Technitrol Comp...
GPSDM700 PULSE-GPSDM700 Datasheet
2Mb / 4P
LTE Multiband / Active GPS Roof Mount Antenna
L154 PULSE-L154 Datasheet
2Mb / 4P
LTE Multiband / Active GPS Roof Mount Antenna
logo
Laird Tech Smart Techno...
FHQ69273CD LSTD-FHQ69273CD Datasheet
311Kb / 2P
Phantom Fin Multiband Roof Mount Antenna
logo
Mechatronics, Inc.
MRF-190 MECHATRONICS-MRF-190 Datasheet
398Kb / 1P
ROOF MOUNT VENTILATING
MRF-220 MECHATRONICS-MRF-220 Datasheet
399Kb / 1P
ROOF MOUNT VENTILATING
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com