| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BMS35 bảng dữ liệu(PDF) 1 Page - AEROTECH US. ALL RIGHTS RESERVED. |
|
|
|||||||||||||||||||||||||||||
BMS35 bảng dữ liệu(HTML) 1 Page - AEROTECH US. ALL RIGHTS RESERVED. |
|
1 / 7 page ![]() Smooth, Reliable Motion with Outstanding Velocity Control Unlike conventional servomotors, the BMS series offers exceptionally smooth velocity control with its slotless stator design. Compared to DC brush-type motors, BMS motors provide higher torque and acceleration, resulting in higher machine throughput and performance. Plus, BMS motors are more reliable because they have no brushes to wear. Choose from our wide range of standard configurations or customize a BMS motor to meet your unique application requirements. KEY FEATURES: ELIMINATES COGGING with slotless stator design INCREASES RELIABILITY with brushless technology Achieves ULTRA-HIGH RESOLUTION with amplified sine- wave encoder Available in standard NEMA FRAME SIZES Follows the 2011/65/EU ROHS 2 directive Brushless, Slotless Rotary Motors BMS Series |
Số phần tương tự - BMS35 |
|
Mô tả tương tự - BMS35 |