| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BMS35 bảng dữ liệu(PDF) 3 Page - AEROTECH US. ALL RIGHTS RESERVED. |
|
|
|||||||||||||||||||||||||||||
BMS35 bảng dữ liệu(HTML) 3 Page - AEROTECH US. ALL RIGHTS RESERVED. |
|
3 / 7 page ![]() aerotech.com BMS SERIES ORDERING INFORMATION NEMA Brushless Slotless Rotary Servomotor BMS35 NEMA17 brushless slotless rotary servomotor BMS60 NEMA23 brushless slotless rotary servomotor BMS100 NEMA23 brushless slotless rotary servomotor BMS280 NEMA34 brushless slotless rotary servomotor BMS465 NEMA34 brushless slotless rotary servomotor Motor Winding (Required) -A Motor winding Note: Contact factory to inquire about or check availability of alternate winding options. Connectors (Required) -MS Integral cable w/MS connector for Fbk and Mtr; not available for BMS35 -D25 Integral cable w/D25 Fbk and 4D Mtr; not available for BMS280 or BMS465 -D25-9D Integral cable w/D25 Fbk, 4D Mtr, and 9D Limit; not available for BMS280 or BMS465 -D25-FLB Integral cable w/D25 Fbk, Fly Leads for Mtr, and 9D Limit; not available for BMS280 or BMS465 -D25-5DU Integral cable w/D25 Fbk, 5D Mtr, and 9D Limit; not available for BMS280 or BMS465 -D25-9D-CMS Integral cable w/D25 Fbk, 4D Mtr, and 9D Limit - CMS only; not available for BMS280 or BMS465 -D25-4TS Integral cable w/D25 Fbk, 4TS Mtr, and 9D Limit; not available for BMS280 or BMS465 Feedback (Required) -E1000H 1000 lines/rev TTL incremental encoder w/Hall tracks -E2000H 2000 lines/rev TTL incremental encoder w/Hall tracks -E2500H 2500 lines/rev TTL incremental encoder w/Hall tracks; not available for BMS35 -E5000H 5000 lines/rev TTL incremental encoder w/Hall tracks -E1000ASH 1000 lines/rev 1 Vpp incremental encoder w/Hall tracks Brake (Optional) -BK Holding brake Cable Type (Optional) - HF High flex cable; not available for BMS280 or BMS465 Cable Length (dm; Optional) -xx Cable length in decimeters (3.8 dm is default) Note: Not available for BMS280 or BMS465. Vacuum Preparation (Optional) -VAC6 Vacuum preparation to 10-6 Torr Accessories (Optional) MC-HPD25-M Connector; HPD motor power mate MC-DB25-F Connector; DB25 motor feedback mate MCM-3 Connector; MS motor power mate MCF-3 Connector; MS motor feedback mate Note: Accessories are ordered as separate line items. |