công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC39RFS10 bảng dữ liệu(PDF) 65 Page - Texas Instruments

tên linh kiện DAC39RFS10
Giải thích chi tiết về linh kiện  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 bảng dữ liệu(HTML) 65 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 61Page - Texas Instruments DAC39RFS10 Datasheet HTML 62Page - Texas Instruments DAC39RFS10 Datasheet HTML 63Page - Texas Instruments DAC39RFS10 Datasheet HTML 64Page - Texas Instruments DAC39RFS10 Datasheet HTML 65Page - Texas Instruments DAC39RFS10 Datasheet HTML 66Page - Texas Instruments DAC39RFS10 Datasheet HTML 67Page - Texas Instruments DAC39RFS10 Datasheet HTML 68Page - Texas Instruments DAC39RFS10 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 175 page
background image
Table 7-16. Summary of JESD204C Signals (continued)
SIGNAL NAME
DEVICE PIN NAMES
DESCRIPTION
SYNC
SYNC
Link initialization signal (handshake),
toggles low to start code group
synchronization (CGS) process. Not
used for 64B/66B encoding modes.
Device clock
CLK+, CLK–
DAC sampling clock, also used for
clocking digital logic and SerDes
receivers.
SYSREF
SYSREF+, SYSREF–
System timing reference used to
deterministically reset the internal local
multiframe clock (LMFC) or local
extended multiblock clock (LEMC)
counters in each JESD204C device
7.3.7.1 Deviation from JESD204C Standard
JESD204C section 4.3.4 requires subclass 1 devices to be able to measure the amount of device clock cycles
by which the detected active edge of the SYSREF signal deviates from its expected position and not to re-align
the LMFC/LEMC if the deviation from the expected position is less than a programmable number of device clock
cycles. This design does not contain this feature, but is compliant with JESD204B in this regard. The LMFC
and other supporting clocks are aligned to the detected SYSREF if the JESD204C subsystem and SYSREF
processor are enabled (and SYSREF_ALIGN_EN=1).
7.3.7.2 Transport Layer
In the transmitter (logic device) the transport layer takes samples from the application layer and maps the
samples into octets inside of frames. The frames are then mapped onto the available SerDes lanes. In the
receiver (DAC) the transport layer performs the inverse operation to extract samples from the serialized data.
The mapping of octets into frames and frames onto lanes is defined by the transport layer settings such as L,
M, F, S, N and N'. An octet is 8 bits (before 8b/10b or 64b/66b encoding), a frame consists of F octets and the
frames are mapped onto L lanes. Samples are N bits, but sent as N' bits across the link. The samples come from
M converters and there are S samples per converter per frame cycle.
There are a number of predefined transport layer modes in the device that are defined in JESD204C
Interface Modes. The various configuration parameters for JESD204C block are defined in JESD204C Interface
Parameter Definitions.
The link layer further maps the frames into multiframes.
7.3.7.3 Scrambler and Descrambler
A data descrambler is available in the DAC device to descramble the data after reception. Scrambling is
used to remove the possibility of spectral peaks in the transmitted data due to repetitive data streams. The
scrambler is optional for 8b/10b encoded mode, however it is mandatory for 64b/66b encoded mode to
have sufficient spectral content for clock recovery and adaptive equalization. The scrambler operates on the
data before encoding, such that the 8b/10b scrambler scrambles the 8-bit octets before 10-bit encoding and
the 64b/66b scrambler scrambles the 64-bit block before the sync header insertion (66-bit encoding). The
JESD204C receiver automatically synchronizes its descrambler to the incoming scrambled data stream. For
8b/10b encoding, the initial lane alignment sequence (ILAS) is never scrambled. The descrambler can be
enabled by setting SCR for 8b/10b encoding mode, but it is automatically enabled in 64b/66b mode. The
scrambling polynomial is different for 8b/10b encoding and 64b/66b encoding schemes as defined by the
JESD204C standard.
7.3.7.4 Link Layer
The link layer serves multiple purposes in JESD204C for both 8b/10b and 64b/66b encoding modes,
however there are some differences in implementation for each encoding scheme. In general, the link layer
responsibilities include scrambling of the data (see Scrambler and Descrambler), establishing the code (8b/10b)
www.ti.com
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com