công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC39RFS10 bảng dữ liệu(PDF) 18 Page - Texas Instruments

tên linh kiện DAC39RFS10
Giải thích chi tiết về linh kiện  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 bảng dữ liệu(HTML) 18 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 14Page - Texas Instruments DAC39RFS10 Datasheet HTML 15Page - Texas Instruments DAC39RFS10 Datasheet HTML 16Page - Texas Instruments DAC39RFS10 Datasheet HTML 17Page - Texas Instruments DAC39RFS10 Datasheet HTML 18Page - Texas Instruments DAC39RFS10 Datasheet HTML 19Page - Texas Instruments DAC39RFS10 Datasheet HTML 20Page - Texas Instruments DAC39RFS10 Datasheet HTML 21Page - Texas Instruments DAC39RFS10 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 175 page
background image
Typical values at TA = +25°C, minimum and maximum values over operating free-air temperature range, typical supply
voltages, FCLK = 10.24 GHz, DDS Mode, IFS_SWITCH = 20.5 mA, single tone amplitude = 0 dBFS, SE DEM and Dither
(DEM_ADJ = 1 below 750 MHz and DEM_ADJ = 0 above 750 MHz), unless otherwise noted. FDAC = FCLK in NRZ and RF
modes and FDAC = 2*FCLK in DES2XL/H modes.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IMGDES
FDAC/2 - FOUT DES Image,
IFS_SWITCH = 20.5 mA
fOUT = 97 MHz
-72
dBc
fOUT = 997 MHz
-64
dBc
fOUT = 1997 MHz
-56
dBc
fOUT = 2997 MHz
-53
dBc
fOUT = 3997 MHz
-48
dBc
fOUT = 5997 MHz
-35
dBc
fOUT = 6997 MHz
-43
dBc
fOUT = 7997 MHz
-39
dBc
fOUT = 8997 MHz
-35
dBc
FDAC/2 - FOUT DES Image,
IFS_SWITCH = 41 mA
fOUT = 97 MHz
-90
dBc
fOUT = 997 MHz
-72
dBc
fOUT = 1997 MHz
-64
dBc
fOUT = 2997 MHz
-59
dBc
fOUT = 3997 MHz
-52
dBc
fOUT = 5997 MHz
-38
dBc
fOUT = 6997 MHz
-46
dBc
fOUT = 7997 MHz
-41
dBc
fOUT = 8997 MHz
-34
dBc
HD2
HD2 across 0 - FDAC/4, IFS_SWITCH =
20.5 mA
fOUT = 97 MHz
-77
dBc
fOUT = 997 MHz
-80
dBc
fOUT = 1997 MHz
-70
dBc
fOUT = 2997 MHz
-77
dBc
fOUT = 3997 MHz
-73
dBc
HD2 across FDAC/4 - FDAC/2,
IFS_SWITCH = 20.5 mA
fOUT = 5997 MHz
-61
dBc
fOUT = 6997 MHz
-49
dBc
fOUT = 7997 MHz
-72
dBc
fOUT = 8997 MHz
-67
dBc
HD2 across 0 - FDAC/4, IFS_SWITCH =
41 mA
fOUT = 97 MHz
-72
dBc
fOUT = 997 MHz
-75
dBc
fOUT = 1997 MHz
-66
dBc
fOUT = 2997 MHz
-84
dBc
fOUT = 3997 MHz
-76
dBc
HD2 across FDAC/4 - FDAC/2,
IFS_SWITCH = 41 mA
fOUT = 5997 MHz
-65
dBc
fOUT = 6997 MHz
-51
dBc
fOUT = 7997 MHz
-69
dBc
fOUT = 8997 MHz
-67
dBc
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com