| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CSD22206WT bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CSD22206WT bảng dữ liệu(HTML) 8 Page - Texas Instruments |
|
8 / 13 page ![]() M0171-01 SideView 0.62Max Pin1 Mark SeatingPlate 0.50 SolderBall ±0.075 Ø0.31 1 1 3 3 BottomView TopView FrontView A C A C 2 2 B B 1.50 +0.00 –0.08 8 CSD22206W SLPS689 – MAY 2017 www.ti.com Product Folder Links: CSD22206W Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated 7 Mechanical, Packaging, and Orderable Information The following pages include mechanical, packaging, and orderable information. This information is the most current data available for the designated devices. This data is subject to change without notice and revision of this document. For browser-based versions of this data sheet, refer to the left-hand navigation. 7.1 CSD22206W Package Dimensions NOTE: All dimensions are in mm (unless otherwise specified). Table 1. Pinout POSITION DESIGNATION A1 Gate A2, A3, B1, B2, B3 Source C1, C2, C3 Drain |