| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CC115LRGPR bảng dữ liệu(PDF) 27 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC115LRGPR bảng dữ liệu(HTML) 27 Page - Texas Instruments |
|
27 / 74 page ![]() TX 19,20 IDLE 1 CALIBRATE 8 MANCAL 3,4,5 SETTLING 9,10 TX_UNDERFLOW 22 FSTXON 18 SFSTXON FS_AUTOCAL = 00 | 10 | 11 and STX | SFSTXON STX STX TXFIFO_UNDERFLOW SFTX SIDLE SCAL CAL_COMPLETE FS_AUTOCAL = 01 and STX | SFSTXON CAL_COMPLETE CALIBRATE 12 IDLE 1 TXOFF_MODE = 00 and FS_AUTOCAL = 10 | 11 TXOFF_MODE = 00 and FS_AUTOCAL = 00 | 01 TXOFF_MODE = 10 FS_WAKEUP 6,7 STX | SFSTXON SLEEP 0 SPWD XOFF 2 SXOFF CSn = 0 CSn = 0 TXOFF_MODE = 01 CC115L www.ti.com SWRS105B – MAY 2011 – REVISED JUNE 2014 5.10 Radio Control Figure 5-9. Complete Radio Control State Diagram CC115L has a built-in state machine that is used to switch between different operational states (modes). The change of state is done either by using command strobes or by internal events such as TX FIFO underflow. A simplified state diagram, together with typical usage and current consumption, is shown in Figure 5-2. The complete radio control state diagram is shown in Figure 5-9. The numbers refer to the state number readable in the MARCSTATE status register. This register is primarily for test purposes. Copyright © 2011–2014, Texas Instruments Incorporated Detailed Description 27 Submit Documentation Feedback Product Folder Links: CC115L |