công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CC113LRGP bảng dữ liệu(PDF) 46 Page - Texas Instruments

tên linh kiện CC113LRGP
Giải thích chi tiết về linh kiện  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGP bảng dữ liệu(HTML) 46 Page - Texas Instruments

Back Button CC113LRGP Datasheet HTML 42Page - Texas Instruments CC113LRGP Datasheet HTML 43Page - Texas Instruments CC113LRGP Datasheet HTML 44Page - Texas Instruments CC113LRGP Datasheet HTML 45Page - Texas Instruments CC113LRGP Datasheet HTML 46Page - Texas Instruments CC113LRGP Datasheet HTML 47Page - Texas Instruments CC113LRGP Datasheet HTML 48Page - Texas Instruments CC113LRGP Datasheet HTML 49Page - Texas Instruments CC113LRGP Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 87 page
background image
CC113L
SWRS108B – MAY 2011 – REVISED JUNE 2014
www.ti.com
Table 5-15. GDOx Signal Selection (x = 0, 1, or 2) (continued)
GDOx_CFG[5:0]
Description(1)
41 (0x29)
CHIP_RDYn.
42 (0x2A)
Reserved - used for test.
43 (0x2B)
XOSC_STABLE.
44 (0x2C) –
Reserved - used for test.
45 (0x2D)
46 (0x2E)
High impedance (3-state).
47 (0x2F)
HW to 0 (HW1 achieved by setting GDOx_INV=1). Can be used to control an external LNA
48 (0x30)
CLK_XOSC/1
49 (0x31)
CLK_XOSC/1.5
50 (0x32)
CLK_XOSC/2
51 (0x33)
CLK_XOSC/3
52 (0x34)
CLK_XOSC/4
53 (0x35)
CLK_XOSC/6
Note: There are 3 GDO pins, but only one CLK_XOSC/n can be selected as an output at
54 (0x36)
CLK_XOSC/8
any time. If CLK_XOSC/n is to be monitored on one of the GDO pins, the other two GDO
55 (0x37)
CLK_XOSC/12
pins must be configured to values less than 0x30. The GDO0 default value is
CLK_XOSC/192.
56 (0x38)
CLK_XOSC/16
To optimize RF performance, these signals should not be used while the radio is in RX
57 (0x39)
CLK_XOSC/24
mode.
58 (0x3A)
CLK_XOSC/32
59 (0x3B)
CLK_XOSC/48
60 (0x3C)
CLK_XOSC/64
61 (0x3D)
CLK_XOSC/96
62 (0x3E)
CLK_XOSC/128
63 (0x3F)
CLK_XOSC/192
46
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87