công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CC113LRGP bảng dữ liệu(PDF) 26 Page - Texas Instruments

tên linh kiện CC113LRGP
Giải thích chi tiết về linh kiện  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGP bảng dữ liệu(HTML) 26 Page - Texas Instruments

Back Button CC113LRGP Datasheet HTML 22Page - Texas Instruments CC113LRGP Datasheet HTML 23Page - Texas Instruments CC113LRGP Datasheet HTML 24Page - Texas Instruments CC113LRGP Datasheet HTML 25Page - Texas Instruments CC113LRGP Datasheet HTML 26Page - Texas Instruments CC113LRGP Datasheet HTML 27Page - Texas Instruments CC113LRGP Datasheet HTML 28Page - Texas Instruments CC113LRGP Datasheet HTML 29Page - Texas Instruments CC113LRGP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 87 page
background image
CC113L
SWRS108B – MAY 2011 – REVISED JUNE 2014
www.ti.com
5.9
Demodulator, Symbol Synchronizer, and Data Decision
CC113L contains an advanced and highly configurable demodulator. Channel filtering and frequency
offset compensation is performed digitally. To generate the RSSI level (see Section 5.12.2 for more
information), the signal level in the channel is estimated. Data filtering is also included for enhanced
performance.
5.9.1
Frequency Offset Compensation
The CC113L has a very fine frequency resolution (see Section 4.8). This feature can be used to
compensate for frequency offset and drift.
When using 2-FSK, GFSK, or 4-FSK modulation, the demodulator will compensate for the offset between
the transmitter and receiver frequency within certain limits, by estimating the center of the received data.
The frequency offset compensation configuration is controlled from the FOCCFG register. By
compensating for a large frequency offset between the transmitter and the receiver, the sensitivity can be
improved, see DN005 SWRA122.
The tracking range of the algorithm is selectable as fractions of the channel bandwidth with the
FOCCFG.FOC_LIMIT configuration register.
If the FOCCFG.FOC_BS_CS_GATE bit is set, the offset compensator will freeze until carrier sense
asserts. This may be useful when the radio is in RX for long periods with no traffic, since the algorithm
may drift to the boundaries when trying to track noise.
The tracking loop has two gain factors, which affects the settling time and noise sensitivity of the
algorithm.
FOCCFG.FOC_PRE_K
sets
the
gain
before
the
sync
word
is
detected,
and
FOCCFG.FOC_POST_K selects the gain after the sync word has been found.
NOTE
Frequency offset compensation is not supported for OOK modulation.
The estimated frequency offset value is available in the FREQEST status register. This can be used for
permanent frequency offset compensation. By writing the value from FREQEST into FSCTRL0.FREQOFF,
the frequency synthesizer will automatically be adjusted according to the estimated frequency offset. More
details regarding this permanent frequency compensation algorithm can be found in DN015 SWRA159.
5.9.2
Bit Synchronization
The bit synchronization algorithm extracts the clock from the incoming symbols. The algorithm requires
that the expected data rate is programmed as described in Section 5.7. Re-synchronization is performed
continuously to adjust for error in the incoming symbol rate.
5.9.3
Byte Synchronization
Byte synchronization is achieved by a continuous sync word search. The sync word is a 16 bit
configurable field (can be repeated to get a 32 bit) that must be inserted at the start of the packet by the
transmitter (for example the CC115L, CC110L, or CC1101). The MSB in the sync word must be
transmitted first. The demodulator uses this field to find the byte boundaries in the stream of bits. The sync
word will also function as a system identifier, since only packets with the correct predefined sync word will
be received if the sync word detection in RX is enabled in register MDMCFG2 (see Section 5.12.1). The
sync word detector correlates against the user-configured 16 or 32 bit sync word. The correlation
threshold can be set to 15/16, 16/16, or 30/32 bits match. The sync word can be further qualified using the
preamble quality indicator mechanism described below and/or a carrier sense condition. The sync word is
configured through the SYNC1 and SYNC0 registers.
26
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com