công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

926850-2 bảng dữ liệu(PDF) 46 Page - TE Connectivity Ltd

tên linh kiện 926850-2
Giải thích chi tiết về linh kiện  MAGNET WIRE TERMINALS AND TERMINATION SYSTEMS
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

926850-2 bảng dữ liệu(HTML) 46 Page - TE Connectivity Ltd

Back Button 926850-2 Datasheet HTML 42Page - TE Connectivity Ltd 926850-2 Datasheet HTML 43Page - TE Connectivity Ltd 926850-2 Datasheet HTML 44Page - TE Connectivity Ltd 926850-2 Datasheet HTML 45Page - TE Connectivity Ltd 926850-2 Datasheet HTML 46Page - TE Connectivity Ltd 926850-2 Datasheet HTML 47Page - TE Connectivity Ltd 926850-2 Datasheet HTML 48Page - TE Connectivity Ltd 926850-2 Datasheet HTML 49Page - TE Connectivity Ltd 926850-2 Datasheet HTML 50Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 102 page
background image
42
[ 7.75 ]
Min.
[ 2.63 ]
[ 7.01 ]
Min.
Min.
.380
[ 9.65 ]
Min.
.104
[ 2.63 ]
Min.
.496
[ 12.60 ]
Min.
[ 8.38 ]
Min.
[ 2.95 ]
[ 7.01 ]
Min.
Min.
SIAMEZE Terminals (Continued)
Typical Plastic Cavity
Pockets
Note:
Plastic cavities, designed to
TE specifications, may be
molded as part of the coil
bobbin or attached to a
lamination stack in the area of
the magnet wire coil.
Each cavity is a rectangular
box with two narrow slots on
opposing walls and a plastic
cutoff or tie-off post.
During or after the winding
process, the magnet wire is
placed across the plastic
cavities and into the slots,
either manually or by coil
winding equipment.
Unraveling is prevented by a
slight friction fit, suitable bend
or by wrapping the magnet
wire around the wrap post.
During insertion, the insulation
displacing terminal slot strip
the film insulation from the
magnet wire producing a
stable electrical termination.
Terminal retention is retained
in the plastic cavities by single
or multiple barbs (Refer to
Product Spec for force
requirements).
Excess magnet wire is
trimmed flush with the outside
of the plastic cavity by a shear
blade traveling with the
terminal insertion ram.
TE can provide design and
mold engineering resources
to manufacture most
specifically designed
SIAMEZE cavity housings.
Cavity Specification 1601421
Cavity Specification 1601424
Cavity Specification 1601425
Cavity Specification 1601431
Cavity Specification 1601427
Cavity Specification 1601426
* Minimum dimension with Lead Lok slot.
The overall dimensions shown
on these pages are for general
reference only. For design
purposes refer to the TE
Cavity Specification.
.204
[ 5.18 ]
Min.*
.276
[ 7.01 ]
Min.
.276
[ 7.01 ]
Min.
.104
[ 2.63 ]
Min.
.104
[ 2.63 ]
Min.
.270
[ 6.86 ]
Min.
.380
[ 9.65 ]
Min.
.276
[ 7.01 ]
Min.
.380
[ 9.65 ]
Min.
Magnet Wire Terminals and Termination Systems
Catalog 82221
www.te.com/appliances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More