| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
926850-2 bảng dữ liệu(PDF) 39 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
926850-2 bảng dữ liệu(HTML) 39 Page - TE Connectivity Ltd |
|
39 / 102 page ![]() 35 Lead Lok Interconnection System How the System Operates HOW TO CONNECT MULTIPLE MAGNET WIRES OR OTHER COMPONENTS Lead Lok Insertion Finger The Lead Lok insertion finger pushes the Lead Lok that was sheared from the carrier strip and positions the Lead Lok and lead wire into the IDC slot. Lead Lok Terminal The Lead Lok terminal provides maximum lead wire retention in the cavity. Retention Barbs The Lead Lok multiple barbs provide retention in the cavity. Lead Wire Stranded, solid and bonded lead wire with 105°C PVC insulation can be used. Contact TE Engineering for other lead wires and insulation under consider- ation. IDC Slot The IDC slot will pierce the lead wire during insertion. Lead Wire Insertion Complete The lead wire termination is complete when the Lead Lok is fully seated in the cavity. Bussed High Carry SIAMEZE Plastic Cavity Bussed cavity pocket designs are available for double or triple bussed terminals. Bussed High Carrier Terminals Bridging of two SIAMEZE terminals that is accom- plished by leaving the carrier strip between two adjacent terminals intact. SIAMEZE Terminals (Continued) Magnet Wire Magnet wire may be equal or differ in size for bi-filar applications. Magnet Wire Terminals and Termination Systems Catalog 82221 www.te.com/appliances |