công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB2E221 bảng dữ liệu(PDF) 43 Page - Texas Instruments

tên linh kiện TUSB2E221
Giải thích chi tiết về linh kiện  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2E221 bảng dữ liệu(HTML) 43 Page - Texas Instruments

Back Button TUSB2E221 Datasheet HTML 39Page - Texas Instruments TUSB2E221 Datasheet HTML 40Page - Texas Instruments TUSB2E221 Datasheet HTML 41Page - Texas Instruments TUSB2E221 Datasheet HTML 42Page - Texas Instruments TUSB2E221 Datasheet HTML 43Page - Texas Instruments TUSB2E221 Datasheet HTML 44Page - Texas Instruments TUSB2E221 Datasheet HTML 45Page - Texas Instruments TUSB2E221 Datasheet HTML 46Page - Texas Instruments TUSB2E221 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
Table 9-17. U_HS_TX_PRE_EMPHASIS_P1 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Default
from OTP
(Y/N)
Description
3
U_HS_TX_PE_ENABL
E_P1
RH/W
1h
Y
USB HS TX Pre-emphasis Enable
Default through OTP
PE is disabled during chirp J (VCHIRPJ) or chirp K (VCHIRPK)
0h = Disabled (hw default)
1h = Enabled
2-0
U_HS_TX_PRE_EMPH
ASIS_P1
RH/W
1h
Y
U2_TXPE
USB HS TX Pre-emphasis (0.5dB-4.0dB)
Default through OTP
PE is disabled during chirp J (VCHIRPJ) or chirp K (VCHIRPK)
0h = 0.5dB (typical) (hw default)
1h = 0.9dB (typical)
2h = 1.2dB (typical)
3h = 1.7dB (typical)
4h = 2.1dB (typical)
5h = 2.5dB (typical)
6h = 3.2dB (typical)
7h = 4.0dB (typical)
9.1.16 U_RX_ADJUST_PORT1 Register (Offset = 72h) [Reset = 92h]
U_RX_ADJUST_PORT1 is shown in Table 9-18.
Return to the Summary Table.
Hardware default value can be overridden through factory programmable OTP for this register.
Table 9-18. U_RX_ADJUST_PORT1 Register Field Descriptions
Bit
Field
Type
Reset
Default
from OTP
(Y/N)
Description
7-6
gpio_ds_config
RH/W
2h
Y
GPIOx and INT open-drain output drive strength selection
This is intended to be set through I2C. (The pin can be set
through RAP only if repeater 1 is enabled)
Default through OTP
0h = approximately 1mA (typical)
1h = approximately 2mA (typical)
2h = approximately 4mA (typical) (hw default)
3h = approximately 8mA (typical)
5-4
RESERVED
RH/W
1h
Reserved
3
RESERVED
RH/W
0h
Reserved
2-0
U_EQ_P1
RH/W
2h
Y
EQ_UHS Adjustment
USB RX Equalizer Control (0-3.35dB)
Default through OTP
0h = 0.06dB (typical) (hw default)
1h = 0.58dB (typical)
2h = 1.09dB (typical)
3h = 1.56dB (typical)
4h = 2.26dB (typical)
5h = 2.67dB (typical)
6h = 3.03dB (typical)
7h = 3.35dB (typical)
9.1.17 U_DISCONNECT_SQUELCH_PORT1 Register (Offset = 73h) [Reset = 74h]
U_DISCONNECT_SQUELCH_PORT1 is shown in Table 9-19.
www.ti.com
TUSB2E221
SNLS757D – JUNE 2024 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com