công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB2E221 bảng dữ liệu(PDF) 31 Page - Texas Instruments

tên linh kiện TUSB2E221
Giải thích chi tiết về linh kiện  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2E221 bảng dữ liệu(HTML) 31 Page - Texas Instruments

Back Button TUSB2E221 Datasheet HTML 27Page - Texas Instruments TUSB2E221 Datasheet HTML 28Page - Texas Instruments TUSB2E221 Datasheet HTML 29Page - Texas Instruments TUSB2E221 Datasheet HTML 30Page - Texas Instruments TUSB2E221 Datasheet HTML 31Page - Texas Instruments TUSB2E221 Datasheet HTML 32Page - Texas Instruments TUSB2E221 Datasheet HTML 33Page - Texas Instruments TUSB2E221 Datasheet HTML 34Page - Texas Instruments TUSB2E221 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
RAP accessible registers are indicated with corresponding RAP addresses in the register map. Default value of
a subset of the registers are factory programmable and are indicated in register map.
9 Register Map
9.1 TUSB2E221 Registers
Table 9-1 lists the memory-mapped registers for the TUSB2E221 registers. All register offset addresses not
listed in Table 9-1 should be considered as reserved locations and the register contents should not be modified.
Table 9-1. TUSB2E221 Registers
Offset
Acronym
Register Name
Section
0h
GPIO0_CONFIG
RAP Register for Port 0 (Write = 0h, Read = 30h)
Go
10h
LOPWR_N_UART_P0
Go
20h
CONFIG_PORT0
RAP Register for Port 0 (Write = 20h, Read = 10h)
Go
30h
U_TX_ADJUST_PORT0
RAP Register for Port 0 (Write = 30h, Read = 0h), Default
through OTP
Go
31h
U_HS_TX_PRE_EMPHASIS_P0
RAP Register for Port 0 (Write = 31h, Read = 1h), Default
through OTP
Go
32h
U_RX_ADJUST_PORT0
RAP Register for Port 0 (Write = 32h, Read = 2h), Default
through OTP
Go
33h
U_DISCONNECT_SQUELCH_PORT0
RAP Register for Port 0 (Write = 33h, Read = 3h), Default
through OTP
Go
37h
E_HS_TX_PRE_EMPHASIS_P0
RAP Register for Port 0 (Write = 37h, Read = 7h), Default
through OTP
Go
38h
E_TX_ADJUST_PORT0
RAP Register for Port 0 (Write = 38h, Read = 8h), Default
through OTP
Go
39h
E_RX_ADJUST_PORT0
RAP Register for Port 0 (Write = 39h, Read = 9h), Default
through OTP
Go
40h
GPIO1_CONFIG
RAP Register for Port 1 (Write = 0h, Read = 30h)
Go
50h
LOPWR_N_UART_P1
Go
60h
CONFIG_PORT1
RAP Register for Port 1 (Write = 20h, Read = 10h)
Go
70h
U_TX_ADJUST_PORT1
RAP Register for Port 1 (Write = 30h, Read = 0h), Default
through OTP
Go
71h
U_HS_TX_PRE_EMPHASIS_P1
RAP Register for Port 1 (Write = 31h, Read = 1h), Default
through OTP
Go
72h
U_RX_ADJUST_PORT1
RAP Register for Port 1 (Write = 32h, Read = 2h), Default
through OTP
Go
73h
U_DISCONNECT_SQUELCH_PORT1
RAP Register for Port 1 (Write = 33h, Read = 3h), Default
through OTP
Go
77h
E_HS_TX_PRE_EMPHASIS_P1
RAP Register for Port 1 (Write = 37h, Read = 7h), Default
through OTP
Go
78h
E_TX_ADJUST_PORT1
RAP Register for Port 1 (Write = 38h, Read = 8h), Default
through OTP
Go
79h
E_RX_ADJUST_PORT1
RAP Register for Port 1 (Write = 39h, Read = 9h), Default
through OTP
Go
A3h
INT_STATUS_1
Go
A4h
INT_STATUS_2
Go
B0h
REV_ID
Go
B2h
GLOBAL_CONFIG
Go
B3h
INT_ENABLE_1
Go
B4h
INT_ENABLE_2
Go
www.ti.com
TUSB2E221
SNLS757D – JUNE 2024 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com