| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TUSB1210 bảng dữ liệu(PDF) 26 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB1210 bảng dữ liệu(HTML) 26 Page - Texas Instruments |
|
26 / 72 page ![]() 7.5.7 FUNC_CTRL_CLR ADDRESS OFFSET 0x06 PHYSICAL ADDRESS 0x06 INSTANCE USB_SCUSB DESCRIPTION This register does not physically exist. It is the same as the func_ctrl register with read/clear-only property (write '1' to clear a particular bit, a write '0' has no- action). TYPE RW WRITE LATENCY 7 6 5 4 3 2 1 0 Reserved SUSPENDM RESET OPMODE TERMSELECT XCVRSELECT BITS FIELD NAME DESCRIPTION TYPE RESET 7 Reserved R 0 6 SUSPENDM RW 1 5 RESET RW 0 4:03 OPMODE RW 0x0 2 TERMSELECT RW 0 1:00 XCVRSELECT RW 0x1 TUSB1210 SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021 www.ti.com 26 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: TUSB1210 |