| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TUSB1146 bảng dữ liệu(PDF) 32 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB1146 bảng dữ liệu(HTML) 32 Page - Texas Instruments |
|
32 / 68 page ![]() USB-Only USB + 2-Lane DP Disabled 4-lane DP Power-On Reset Exit Alt Mode Exit Alt Mode or Unattached state Enter Alt Mode Enter Alt Mode Exit Alt Mode or Unattached state 32 TUSB1146 SLLSFB2 – APRIL 2020 www.ti.com Product Folder Links: TUSB1146 Submit Documentation Feedback Copyright © 2020, Texas Instruments Incorporated 8.5 Programming 8.5.1 Transition between Modes The TUSB1146 allows for transitioning between any mode (USB-only to 4DP, 4DP to USB+2DP, and so forth). The USB-C standard requires transitioning to the USB Safe State before entering to or exiting from an Alternate Mode. The USB Safe State defines an electrical state for the SBU1/2 and SSTX/SSRX for DFPs, UFPs, and Active Cables when transitioning between USB and an Alternate Mode. Therefore before entering to or exiting from four lane DP mode it is recommended to first enter the Disable state (CTLSEL = 2'b00 or (CTL0 pin = 0 and CTL1 pin = 0)). Figure 28. Recommended Mode Transitions 8.5.2 Pseudocode Examples 8.5.2.1 Fast AEQ with linear redriver mode // (address, data) // Initial power-on configuration. (0x0A, 0x11), // EQ_OVERRIDE and USB3.1 default. (0x1C, 0x81), // Fast AEQ enable (0x10, 0x55), // DP lanes 0 and 1 EQ (0x11, 0x55), // DP lanes 2 and 2 EQ (0x1D, 0x10), // FASTAEQ_LIMITS to 80mV (0x1E, 0x55), // USB-C Rx1/Rx2 Long channel EQ. (0x20, 0x00), // USB-C Rx1/Rx2 Short channel EQ. |