| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TUSB1046AI-DCI bảng dữ liệu(PDF) 29 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB1046AI-DCI bảng dữ liệu(HTML) 29 Page - Texas Instruments |
|
29 / 48 page ![]() USB3.1 Host TUSB1046A-DCI DP 1.4 GPU A B C F D E G H DP0P DP0N DP1P DP1N DP2P DP2N DP3P DP3N TX1N TX1P TX2P TX2N RX1P RX1N RX2P RX2N PCB Trace of Length XAB PCB Trace of Length XEF PCB Trace of Length XGH PCB Trace of Length XCD SSRXP SSRXN SSTXP SSTXN Copyright © 2017, Texas Instruments Incorporated 29 TUSB1046A-DCI www.ti.com SLLSF13B – JUNE 2017 – REVISED MAY 2019 Product Folder Links: TUSB1046A-DCI Submit Documentation Feedback Copyright © 2017–2019, Texas Instruments Incorporated 9 Application and Implementation NOTE Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes. Customers should validate and test their design implementation to confirm system functionality. 9.1 Application Information The TUSB1046-DCI is a linear redriver designed specifically to compensation for intersymbol interference (ISI) jitter caused by signal attenuation through a passive medium like PCB traces and cables. Because the TUSB1046-DCI has four independent DisplayPort 1.4 inputs, one upstream facing USB 3.1 Gen1/Gen2 input, and two downstream facing USB 3.1 Gen1/Gen2 inputs, it can be optimized to correct ISI on all those seven inputs through 16 different equalization choices. Placing the TUSB1046-DCI between a USB3.1 Host/DisplayPort 1.4 GPU and a USB3.1 Type-C receptacle can correct signal integrity issues resulting in a more robust system. 9.2 Typical Application Figure 27. TUSB1046-DCI in a Host Application |