| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PRO115SL bảng dữ liệu(PDF) 1 Page - AEROTECH US. ALL RIGHTS RESERVED. |
|
|
|||||||||||||||||||||||||||||
PRO115SL bảng dữ liệu(HTML) 1 Page - AEROTECH US. ALL RIGHTS RESERVED. |
|
1 / 7 page ![]() Precise & Robust Linear Motion for All The PRO115SL is a compact stage that excels in medium- and high-performance industrial applications. Combining superior craftsmanship and the highest quality components, PRO115SL stages consistently and reliably deliver best-in-class positioning performance. Thoughtfully engineered features and options, coupled with competitive pricing, make PRO115SL stages the ideal choice for streamlined integration into a wide variety of precision systems, machines and processes. Key Applications PRO115SL mechanical bearing, ball-screw stages are extremely versatile, trusted and proven in medium- and high- performance applications, such as: Laser material processing Precision metrology, inspection & microscopy Electronics & circuit board manufacturing & inspection Display processing Synchrotron & light source experiments Medical device manufacturing Semiconductor fabrication Fiber optics & silicon photonics processing Additive manufacturing & precision assembly KEY FEATURES: Mechanical Bearing, Ball-Screw Stage PRO115SL Compact design SIMPLIFIES INTEGRATION IN SPACE-CONSTRAINED APPLICATIONS BEST-IN-CLASS GEOMETRIC PERFORMANCE ensures superior workpoint accuracy EXCELLENT MOTION & POSITIONING PERFORMANCE in a cost-effective package Rugged, reliable construction is ideal for VERSATILE INDUSTRIAL USE Hardcover & side seals offer PROTECTION AGAINST CONTAMINATION & PARTICULATES VACUUM- & CLEANROOM-COMPATIBLE versions available |
Số phần tương tự - PRO115SL |
|
Mô tả tương tự - PRO115SL |