| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PRO115SL bảng dữ liệu(PDF) 4 Page - AEROTECH US. ALL RIGHTS RESERVED. |
|
|
|||||||||||||||||||||||||||||
PRO115SL bảng dữ liệu(HTML) 4 Page - AEROTECH US. ALL RIGHTS RESERVED. |
|
4 / 7 page ![]() aerotech.com PRO115SL ORDERING OPTIONS Integration (Required) Aerotech offers both standard and custom integration services to help you get your system fully operational as quickly as possible. The following standard integration options are available for this system. Please consult Aerotech if you are unsure what level of integration is required or if you desire custom integration support with your system. -TAS Integration - Test as system Testing, integration and documentation of a group of components as a complete system that will be used together (ex: drive, controller and stage). This includes parameter file generation, system tuning and documentation of the system configuration. -TAC Integration - Test as components Testing and integration of individual items as discrete components. This is typically used for spare parts, replacement parts or items that will not be used or shipped together (ex: stage only). These components may or may not be part of a larger system. Accessories (To Be Ordered As Separate Line Item) ALIGN-NPA Non-precision XY assembly ALIGN-NPAZ Non-precision XZ or YZ assembly ALIGN-PA10 XY assembly; 10 arc sec orthogonality. Alignment to within 7 microns orthogonality for short travel stages. ALIGN-PA10Z XZ or YZ assembly with L-bracket; 10 arc second orthogonality. Alignment to within 10 microns orthogonality for short travel stages. ALIGN-PA5 XY assembly; 5 arc sec orthogonality. Alignment to within 3 microns orthogonality for short travel stages. ALIGN-PA5Z XZ or YZ assembly with L-bracket; 5 arc second orthogonality. Alignment to within 5 microns orthogonality for short travel stages. HDZ115 Right angle L-bracket for PRO115SL/SLE-050, PRO115SL/SLE-100, and PRO115SL/SLE-50 only. Note: HDZ bracket requires a tabletop when mounting to a PRO stage. |