| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TPS72011DRVT bảng dữ liệu(PDF) 25 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPS72011DRVT bảng dữ liệu(HTML) 25 Page - Texas Instruments |
|
25 / 39 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 18-Jun-2025 TAPE AND REEL INFORMATION Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 User Direction of Feed P1 Reel Diameter *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant TPS72009YZUR DSBGA YZU 5 3000 180.0 8.4 1.07 1.42 0.74 4.0 8.0 Q1 TPS72009YZUT DSBGA YZU 5 250 180.0 8.4 1.07 1.42 0.74 4.0 8.0 Q1 TPS720102YZUR DSBGA YZU 5 3000 180.0 8.4 1.07 1.42 0.74 4.0 8.0 Q1 TPS720102YZUT DSBGA YZU 5 250 180.0 8.4 1.07 1.42 0.74 4.0 8.0 Q1 TPS720105DRVR WSON DRV 6 3000 180.0 8.4 2.3 2.3 1.15 4.0 8.0 Q2 TPS720105DRVT WSON DRV 6 250 180.0 8.4 2.3 2.3 1.15 4.0 8.0 Q2 TPS720105YZUR DSBGA YZU 5 3000 180.0 8.4 1.07 1.42 0.74 4.0 8.0 Q1 TPS720105YZUT DSBGA YZU 5 250 180.0 8.4 1.07 1.42 0.74 4.0 8.0 Q1 TPS72010DRVR WSON DRV 6 3000 179.0 8.4 2.2 2.2 1.2 4.0 8.0 Q2 TPS72010DRVT WSON DRV 6 250 179.0 8.4 2.2 2.2 1.2 4.0 8.0 Q2 TPS720115DRVR WSON DRV 6 3000 179.0 8.4 2.2 2.2 1.2 4.0 8.0 Q2 TPS720115DRVT WSON DRV 6 250 179.0 8.4 2.2 2.2 1.2 4.0 8.0 Q2 TPS72011DRVR WSON DRV 6 3000 179.0 8.4 2.2 2.2 1.2 4.0 8.0 Q2 TPS72011DRVT WSON DRV 6 250 179.0 8.4 2.2 2.2 1.2 4.0 8.0 Q2 TPS72011YZUR DSBGA YZU 5 3000 180.0 8.4 1.07 1.42 0.74 4.0 8.0 Q1 TPS72011YZUT DSBGA YZU 5 250 180.0 8.4 1.07 1.42 0.74 4.0 8.0 Q1 Pack Materials-Page 1 |