công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP411DBDDFR bảng dữ liệu(PDF) 12 Page - Texas Instruments

tên linh kiện TMP411DBDDFR
Giải thích chi tiết về linh kiện  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411DBDDFR bảng dữ liệu(HTML) 12 Page - Texas Instruments

Back Button TMP411DBDDFR Datasheet HTML 8Page - Texas Instruments TMP411DBDDFR Datasheet HTML 9Page - Texas Instruments TMP411DBDDFR Datasheet HTML 10Page - Texas Instruments TMP411DBDDFR Datasheet HTML 11Page - Texas Instruments TMP411DBDDFR Datasheet HTML 12Page - Texas Instruments TMP411DBDDFR Datasheet HTML 13Page - Texas Instruments TMP411DBDDFR Datasheet HTML 14Page - Texas Instruments TMP411DBDDFR Datasheet HTML 15Page - Texas Instruments TMP411DBDDFR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
6.9 Typical Characteristics (TMP411)
At TA = 25°C and V+ = VS = 5V (unless otherwise noted)
Ambient Temperature, TA ( °C)
3.0
2.0
1.0
0
í1.0
í2.0
í3.0
í50
125
í25
0
25
50
75
100
50 Units Shown
V
S = 3.3V
Figure 6-2. Local Temperature Error vs TMP411 Ambient
Temperature (Legacy Chip)
Ambient Te mperature, TA (C)
-50
-25
0
25
50
75
100
125
-3
-2
-1
0
1
2
3
VS = 3.3V (50 Units Shown)
Figure 6-3. Local Temperature Error vs TMP411 Ambient
Temperature (New Chip)
3
2
1
0
í1
í2
í3
TA
í50
í25
125
100
75
50
25
0
V
S = 3.3V
T
DIODE = +25 °C (temperature at remote diode)
30 Typical Units Shown
= 1.008
Ambient Temp erature,
(°C)
Figure 6-4. Remote Temperature Error vs TMP411 Ambient
Temperature (Legacy Chip)
Ambient Te mperature, TA (C)
-50
-25
0
25
50
75
100
125
-3
-2
-1
0
1
2
3
VS = 3.3V
TDIODE = +25°C (temperature at remote diode)
30 Typical Units Shown
 = 1.008
Figure 6-5. Remote Temperature Error vs TMP411 Ambient
Temperature (New Chip)
60
40
20
0
í20
í40
í60
Leakage Resistance (M
Ÿ )
0
5
10
15
20
25
30
R íGND
R íVS
Figure 6-6. Remote Temperature Error vs Leakage Resistance
(Legacy Chip)
Leakage Resistance (M
)
0
5
10
15
20
25
30
-60
-40
-20
0
20
40
60
New chip
Legacy chip
Figure 6-7. Remote Temperature Error vs Leakage Resistance
(Comparison of Legacy Chip and New Chip)
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com