công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP411DBDDFR bảng dữ liệu(PDF) 26 Page - Texas Instruments

tên linh kiện TMP411DBDDFR
Giải thích chi tiết về linh kiện  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411DBDDFR bảng dữ liệu(HTML) 26 Page - Texas Instruments

Back Button TMP411DBDDFR Datasheet HTML 22Page - Texas Instruments TMP411DBDDFR Datasheet HTML 23Page - Texas Instruments TMP411DBDDFR Datasheet HTML 24Page - Texas Instruments TMP411DBDDFR Datasheet HTML 25Page - Texas Instruments TMP411DBDDFR Datasheet HTML 26Page - Texas Instruments TMP411DBDDFR Datasheet HTML 27Page - Texas Instruments TMP411DBDDFR Datasheet HTML 28Page - Texas Instruments TMP411DBDDFR Datasheet HTML 29Page - Texas Instruments TMP411DBDDFR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
Frame 1 Two Wire Device Address Byte
Frame 2 Pointer Register Byte
Frame 4 Data Byte 2
Host
Device
Device
ACK By
Device
Stop By
Host
1
D7
D6
D5
D4
D3
D2
D 1
D0
9
Frame 3 Data Byte 1
ACK By
Device
1
D7
SDA
(Continued)
SCL
(Continued)
D6
D5
D4
D3
D2
D1
D0
9
9
SCL
…
1
9
1
1
Start By
ACK By
ACK By
SDA
0
0
1
1
0
0
P6
P7
P5
P4
P3
P2
P1
P0
…
(1)
W
/
R
A.
Target address 1001100 (TMP411A/TMP411DA) shown. Target address changes for TMP411B/TMP411DB and TMP411C/TMP411DC.
See Ordering Information table for more details.
Figure 7-4. Two-Wire Timing Diagram for Write Word Format
Frame 1 Two Wire Device Address Byte
Frame 2 Pointer Register Byte
Host
Device
Device
9
SCL
1
9
1
1
Start By
ACK By
ACK By
SDA
0
0
1
1
0
0
P6
P7
P5
P4
P3
P2
P1
P0
(1)
W
/
R
Frame 3 Two Wire Device Address Byte
Frame 4 Data Byte 1 Read Register
Host
Device
Host
9
SCL
1
9
1
1
Start By
ACK By
NACK By
SDA
0
0
1
1
0
0
D6
D7
D5
D4
D3
D2
D1
D0
(1)
W
/
R
(Continued)
(Continued)
(2)
From
Device
A.
Target address 1001100 (TMP411A/TMP411DA) shown. Target address changes for TMP411B/TMP411DB and TMP411C/TMP411DC.
See Ordering Information table for more details.
B.
Host must leave the SDA high to terminate a single−byte read operation.
Figure 7-5. Two-Wire Timing Diagram for Single-Byte Read Format
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
www.ti.com
26
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com