công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC-HT860 bảng dữ liệu(PDF) 17 Page - Panasonic Semiconductor

tên linh kiện SC-HT860
Giải thích chi tiết về linh kiện  DVD Home Theater Sound System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SC-HT860 bảng dữ liệu(HTML) 17 Page - Panasonic Semiconductor

Back Button SC-HT860 Datasheet HTML 13Page - Panasonic Semiconductor SC-HT860 Datasheet HTML 14Page - Panasonic Semiconductor SC-HT860 Datasheet HTML 15Page - Panasonic Semiconductor SC-HT860 Datasheet HTML 16Page - Panasonic Semiconductor SC-HT860 Datasheet HTML 17Page - Panasonic Semiconductor SC-HT860 Datasheet HTML 18Page - Panasonic Semiconductor SC-HT860 Datasheet HTML 19Page - Panasonic Semiconductor SC-HT860 Datasheet HTML 20Page - Panasonic Semiconductor SC-HT860 Datasheet HTML 21Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
K
CMY
CY
MY
CM
Y
M
C
17.eps 175 lpi
45˚
black
Press [
,
]to select the play list.
You can select play lists with the numbered buttons.
To select a 2-digit number
e.g.
Press [
,
] to select the program.
The selected program plays in the background.
You can select programs with the numbered buttons.
To select a 2-digit number
e.g.
002 group
001
001 group
001 track.mp3
002 track.mp3
003 track.mp3
003 group
001 track.mp3
002 track.mp3
003 track.mp3
001 track.mp3
002 track.mp3
003 track.mp3
004 track.mp3
root
e.g.
You cannot play WMA files that are copy protected.
WMA files must have the extension .WMA or .wma .
This unit is not compatible with ID3 tags.
If you play an MP3 track that includes still picture data, it will
take some time before the music itself starts playing and the
elapsed time will not be displayed during this time. Even after
the track starts, the correct play time will not be displayed.
MP3 files must have the extension .MP3 or .mp3 .
To view JPEG files on this unit:
- Take them on a digital camera that meets the DCF (Design rule for
Camera File system) standard.
- Do not alter the files in any way or save them under a different name.
- Ensure they have the extension .JPG , .jpg , JPEG , or .jpeg
This unit cannot display moving pictures, MOTION JPEG and other
such formats,still pictures other than JPEG (i.e.TIFF) or play
associated sound.
Discs must conform to ISO9660
level 1 or 2(except for extended
formats).
This unit is compatible with multi-
session but if there are a lot of
sessions it takes more time for
play to start. Keep the number of
sessions to a minimum to avoid this.
Name folders and files
At the time of recording, prefix folder
and file names with 3-digit numbers
in the order you want to play them
(this may not work at times).
Playing HightMAT discs
When the menu is displayed
Press [
,
,
,
] to select then press [ENTER].
When you press [ENTER],
Play list: Play starts.
To return to the menu screen
Press [TOP MENU].
Return to the menu above the current menu
Press [RETURN].
To change the menu background
Press [DISPLAY].
The background is changed to the one recorded in the disc.
Playing the programs on DVD-RAM
Use the program list to find programs to play.
Press [DIRECT NAVIGATOR].
Titles appear only if you have entered them.
You cannot change the program and disc titles.
Press [ENTER].
The program being played in the background continues.
To clear the program list
Press [DIRECT NAVIGATOR].
Playing a play list
You can play a play list created on other equipment such as a
DVD Video recorder.
Press [PLAY LIST].
To clear the play list screen
Press [PLAY LIST].
Menu: Guide you to enter the
next menu, and this menu will
display the play list or another
menu.
Playlist
Group
Less and less
And when I was born
Quatre gymnopedies
You've made me sad
I'
it hi
2
3
4
5
No
Content title
SELECT
09
All By Artist
Content
Group 1
Few times in summer
1
Note
playing
During play
Press [Menu].
Press [
], then press [
,
] to switch between the play list,
group and the content.
Press [
], then press [
,
] to select an item, and then,
press [ENTER].
Press[ENTER]to start play.
To skip scenes,press [
] or [
].
DIRECT NAVIGATOR
Date
On
11/11(MON)
11/12(TUE)
11/12(TUE)
11/14(THU)
11/14(THU)
1
2
3
4
5
11:02PM
10:35PM
10:00PM
9:30PM
8:05PM
SELECT
ENTER
RETURN
No
Monday feature
Auto action
Cinema
Music
Baseball
SELECT
NUMBER
09
Used 0:05:45
Program Title
PLAYLIST
No
Date
Length
Title
1
2
3
4
0:46:35
0:09:15
0:12:32
0:07:30
SELECT
ENTER RETURN
10/17
10/24
11/29
12/22
SELECT
NUMBER
09
Clay Penguin
Ashley at Prom
Formula one
Soccer
Make choice according to the list.
To exit the list screen
Press [MENU].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com