công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC-HT860 bảng dữ liệu(PDF) 24 Page - Panasonic Semiconductor

tên linh kiện SC-HT860
Giải thích chi tiết về linh kiện  DVD Home Theater Sound System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SC-HT860 bảng dữ liệu(HTML) 24 Page - Panasonic Semiconductor

Back Button SC-HT860 Datasheet HTML 20Page - Panasonic Semiconductor SC-HT860 Datasheet HTML 21Page - Panasonic Semiconductor SC-HT860 Datasheet HTML 22Page - Panasonic Semiconductor SC-HT860 Datasheet HTML 23Page - Panasonic Semiconductor SC-HT860 Datasheet HTML 24Page - Panasonic Semiconductor SC-HT860 Datasheet HTML 25Page - Panasonic Semiconductor SC-HT860 Datasheet HTML 26Page - Panasonic Semiconductor SC-HT860 Datasheet HTML 27Page - Panasonic Semiconductor SC-HT860 Datasheet HTML 28Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
K
CMY
CY
MY
CM
Y
M
C
24.eps 175 lpi
45˚
black
Each time you press the button, the settings vary as follow:
SUB W 1 SUB W 2
SUB W 3
SUB W 4 (factory preset)
1/48kHz
Output sampling frequency
Effect level
GRP TTL TRCK CHAP ALL PGM
RND
D.MIX
Sound quality
Adjust the woofer
Press [SUBWOOFER].
Double re-master
enjoying more natural sound
Setting
Type of music
1
2
3
OFF
High tempo (e.g. pops and rock)
Various tempo (e.g. jazz)
Low tempo (e.g. classical)
Off
Light
Medium
Strong
Off
Virtual Rear Surround
If the surround speakers are placed nearby the front speakers, the
function of virtual rear surround makes the sound from front surround
speakers as if coming from behind you.
Set switch [V. R. S.] on the rear panel of the main unit to
ON.
Virtual Speaker
Bass effect will increase as per the level order.
Discs recorded with 2 sound tracks at a frequency of
LPCM44.1 or 48 kHz.
This function can add in higher frequency signals that are
not available on the disc, and allow you to appreciate more
natural sound effects.
Discs recorded at 44.1 or 48 kHz.
This function can re-produce the frequency that has been
lost in the recording course, and can thus
provide sound effects more close to the
original sound.
During play
Press [DOUBLE RE
-MASTER] or [D.RE-MASTER] .
The indicator on the main unit lights.
Each time you press the button:
3
2
1
45
6
7
0
9
10
8
D.RE MASTER
DOUBLE RE MASTER
SUBWOOFER
SUBWOOFER
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com