| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADAQ4216BBCZ bảng dữ liệu(PDF) 45 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAQ4216BBCZ bảng dữ liệu(HTML) 45 Page - Analog Devices |
|
45 / 65 page ![]() Data Sheet ADAQ4216 SERIAL INTERFACE analog.com Rev. B | 45 of 65 SAMPLE CONVERSION TIMING AND DATA TRANSFER A conversion is started on the rising edge of the CNV signal, as shown in Figure 107. Once the conversion is complete, CS can be asserted, which causes the current conversion result to be loaded into the output shift register. As shown in Figure 107, there are two optional data transfer zones for sample N. Zone 1 represents the use case where CS is asserted immediately following the deassertion of BUSY signal for the sample N conversion (in SPI conversion mode), or after 300ns for echo and host clock modes. For Zone 1, the available time to read out sample N is given by: Zone 1 data read window =tCYC−tCONV−tQUIET_CNV_ADV For example, if FCNV is 2MSPS (tCYC = 500ns) and using the typical value of tCONV (282ns), the available window width is 198.4ns (= 500ns – 282ns – 19.6ns). Zone 2 represents the case where assertion of CS to read sample N is delayed until after the conversion for sample N+1 has been initiated. To prevent data corruption, a quiet zone must be observed before and after each rising edge of the CNV signal, as shown in Figure 107. The quiet zone immediately before the rising edge of CNV is labeled as tQUIET_CNV_ADV, and is equal to 19.6ns. The quiet zone immediately after the rising edge of CNV is labeled tQUIET_CNV_DE- LAY, and is equal to 9.8ns. Assuming that the CS is asserted immediately after the quiet zone around the rising edge of CNV, the amount of time available to clock out the data is: Zone 2 data read window =tCYC−tQUIET_CNV_DELAY−tQUIET_CNV_ADV For example, if FCNV is 2MSPS (tCYC = 500ns) and using the typical value of tCONV (282ns), the available window width is 470.6ns (= 500ns – 9.8ns – 19.6ns). The Zone 2 transfer window is longer than the Zone 1 window. This can enable the use of a slower SCK on the SPI and ease the timing requirements for the interface. When using Zone 2 for the data transfer, it is recommended to assert CS immediately after the quiet zone. However, it must be asserted at least 25ns before the falling edge of BUSY for sample N+1. If not, then sample N is overwritten with sample N+1. Figure 107. Example Timing for Data Transfer Zones |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |