công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TCAN337GD bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện TCAN337GD
Giải thích chi tiết về linh kiện  TCAN33x 3.3V CAN Transceivers with CAN FD (Flexible Data Rate)
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TCAN337GD bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button TCAN337GD Datasheet HTML 3Page - Texas Instruments TCAN337GD Datasheet HTML 4Page - Texas Instruments TCAN337GD Datasheet HTML 5Page - Texas Instruments TCAN337GD Datasheet HTML 6Page - Texas Instruments TCAN337GD Datasheet HTML 7Page - Texas Instruments TCAN337GD Datasheet HTML 8Page - Texas Instruments TCAN337GD Datasheet HTML 9Page - Texas Instruments TCAN337GD Datasheet HTML 10Page - Texas Instruments TCAN337GD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
5.5 Electrical Characteristics (continued)
over operating free-air temperature range, TJ = –40°C to 150°C. All typical values are at 25°C and supply voltages of VCC =
3.3 V, RL = 60 Ω, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOD(D)
Differential output voltage (dominant)
See Figure 6-3 and Figure 6-2, TXD =
0V, S, STB and SHDN = 0V, 50Ω ≤ RL ≤
65Ω, CL = open
1.6
3
V
See Figure 6-3 and Figure 6-2, TXD =
0V, S, STB and SHDN = 0V, 45Ω ≤ RL <
50Ω, CL = open
1.5
3
VOD(R)
Differential output voltage (recessive)
See Figure 6-3 and Figure 6-2, TXD =
VCC, S, STB and SHDN = 0V, RL = 60Ω,
CL = open
–120
12
mV
TA < 85°C, See Figure 6-3 and Figure
6-2, TXD = VCC, S, STB and SHDN =
0V, RL = open (no load), CL = open
–50
50
See Figure 6-3 and Figure 6-2, TXD =
VCC, S, STB and SHDN = 0V, R L =
open (no load), CL = open
–50
100
V(SYM)
Output symmetry (dominant and recessive)
(CANHREC + CANLREC – CANHDOM – CANLDOM)
See Figure 6-3 and Figure 6-2, S, STB
and SHDN = 0V, RL = 60Ω, CL = open
–400
400
mV
IOS(DOM)
Short-circuit steady-state output current, Dominant
See Figure 6-9, V(CANH) = –12V, CANL
= open, TXD = 0V
–200
mA
See Figure 6-9, V(CANL) = 12V, CANH =
open, TXD = 0V
200
IOS(REC)
Short-circuit steady-state output current, Recessive
See Figure 6-9, –12V ≤ VBUS ≤ 12V,
VBUS = CANH = CANL, TXD = VCC
–5
5
mA
www.ti.com
TCAN330, TCAN332, TCAN334, TCAN337
TCAN330G, TCAN332G, TCAN334G, TCAN337G
SLLSEQ7F – DECEMBER 2015 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TCAN330 TCAN332 TCAN334 TCAN337 TCAN330G TCAN332G TCAN334G TCAN337G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47