| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TCAN337GD bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TCAN337GD bảng dữ liệu(HTML) 5 Page - Texas Instruments |
|
5 / 47 page ![]() 5 Specifications 5.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)(1) (2) MIN MAX UNIT Supply Voltage range, VCC –0.3 5 V Voltage at any bus terminal (CANH or CANL), V(BUS) –14 14 V Logic input terminal voltage range V(Logic_Input) –0.3 5 V Logic output terminal voltage range, V(Logic_Output) –0.3 5 V Logic output current, IO(LOGIC) 8 mA Operating junction temperature range, TJ –40 150 °C Storage temperature, Tstg 150 °C (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values, except differential I/O bus voltages, are with respect to ground terminal. 5.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human-body model (HBM), per ANSI/ESDA/ JEDEC JS-001(1) All pins except CANH and CANL ±4000 V Pins CANH and CANL ±25000 Charged-device model (CDM), per JEDEC specification JESD22-C101(2) All pins ±1500 IEC 61400-4-2 Contact Discharge CANH and CANL terminals to GND ±12000 (1) JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process. . (2) JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process. 5.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) MIN NOM MAX UNIT VCC Supply voltage 3 3.6 V IOH(LOGIC) Logic terminal HIGH level output current –2 mA IOL(LOGIC) Logic terminal LOW level output current 2 TA Operational free-air temperature –40 125 °C www.ti.com TCAN330, TCAN332, TCAN334, TCAN337 TCAN330G, TCAN332G, TCAN334G, TCAN337G SLLSEQ7F – DECEMBER 2015 – REVISED MAY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 5 Product Folder Links: TCAN330 TCAN332 TCAN334 TCAN337 TCAN330G TCAN332G TCAN334G TCAN337G |