| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GPS-41MLR bảng dữ liệu(PDF) 4 Page - rfsolutions.ltd |
|
|
|||||||||||||||||||||||||||||
GPS-41MLR bảng dữ liệu(HTML) 4 Page - rfsolutions.ltd |
|
4 / 8 page ![]() DS-41ML-1 Feb ’06 ©2006 RF Solutions Ltd, www.rfsolutions.co.uk Page 4 Tel 01273 898000 Fax 01273 480661 GPS Receiver Module GPS-41MLR GPS-41MLF NMEA Messages The serial interface protocol is based on the National Marine Electronics Association’s NMEA 0183 ASCII interface specification. This standard is fully define in “NMEA 0183, Version 3.01” The standard may be obtained from NMEA, www.nmea.org GGA - GPS FIX DATA Time, position and position-fix related data (number of satellites in use, HDOP, etc.). Format: $GPGGA,<1>,<2>,<3>,<4>,<5>,<6>,<7>,<8>,<9>,M,<10>,M,<11>,<12>,*<13><CR><LF> Example: $GPGGA,104549.04,2447.2038,N,12100.4990,E,1,06,01.7,00078.8,M,0016.3,M,,*5C<CR><LF> Field Example Description 1 104549.04 UTC time in hhmmss.ss format, 000000.00 ~ 235959.99 2 2447.2038 Latitude in ddmm.mmmm format Leading zeros transmitted 3 N Latitude hemisphere indicator, ‘N’ = North, ‘S’ = South 4 12100.4990 Longitude in dddmm.mmmm format Leading zeros transmitted 5 E Longitude hemisphere indicator, 'E' = East, 'W' = West 6 1 Position fix quality indicator 0: position fix unavailable 1: valid position fix, SPS mode 2: valid position fix, differential GPS mode 7 06 Number of satellites in use, 00 ~ 12 8 01.7 Horizontal dilution of precision, 00.0 ~ 99.9 9 00078.8 Antenna height above/below mean sea level, -9999.9 ~ 17999.9 10 0016.3 Geoidal height, -999.9 ~ 9999.9 11 Age of DGPS data since last valid RTCM transmission in xxx format (seconds) NULL when DGPS not used 12 Differential reference station ID, 0000 ~ 1023 NULL when DGPS not used 13 5C Checksum Note: The checksum field starts with a ‘*’ and consists of 2 characters representing a hex number. The checksum is the exclusive OR of all characters between ‘$’ and ‘*’. |