| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GPS-41MLR bảng dữ liệu(PDF) 2 Page - rfsolutions.ltd |
|
|
|||||||||||||||||||||||||||||
GPS-41MLR bảng dữ liệu(HTML) 2 Page - rfsolutions.ltd |
|
2 / 8 page ![]() DS-41ML-1 Feb ’06 ©2006 RF Solutions Ltd, www.rfsolutions.co.uk Page 2 Tel 01273 898000 Fax 01273 480661 GPS Receiver Module GPS-41MLR GPS-41MLF TECHNICAL SPECIFICATIONS Receiver Type 12 parallel channel, L1 C/A code Accuracy Position 5m CEP Velocity 0.1m/sec Startup Time < 10sec hot start < 35sec warm start < 50sec cold start Signal Reacquisition 1s Sensitivity -140dBm acquisition -150dBm tracking Update Rate 1Hz Dynamics 4G (39.2m/sec 2) Operational Limits Altitude < 18,000m or velocity < 515m/s (COCOM limit, either may be exceeded but not both) Serial Interface LVTTL level and RS-232 level Protocol NMEA-0183 V3.01 GPGGA, GPGLL, GPGSA, GPGSV, GPRMC, GPVTG, GPZDA 4800 baud, 8, N, 1 Datum Default WGS-84 User definable Interface Connector Two 1.0mm pitch WTB S/R wafer 87213 SMT R/A type connector Input Voltage 3.8V ~ 8.0V Power Consumption 110mW Dimension 34mm L x 34mm W x 8.6mm H Weight: 14g Operating Temperature -40 oC ~ +85oC Humidity 5% ~ 95% |