| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74LVC07ADE4 bảng dữ liệu(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LVC07ADE4 bảng dữ liệu(HTML) 17 Page - Texas Instruments |
|
17 / 38 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-Oct-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) SN74LVC07AD Active Production SOIC (D) | 14 50 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LVC07A SN74LVC07AD.B Active Production SOIC (D) | 14 50 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LVC07A SN74LVC07ADBR Active Production SSOP (DB) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LC07A SN74LVC07ADBR.B Active Production SSOP (DB) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LC07A SN74LVC07ADE4 Active Production SOIC (D) | 14 50 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LVC07A SN74LVC07ADGVR Active Production TVSOP (DGV) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LC07A SN74LVC07ADGVR.B Active Production TVSOP (DGV) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LC07A SN74LVC07ADGVR1G4 Active Production TVSOP (DGV) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LC07A SN74LVC07ADGVR1G4.B Active Production TVSOP (DGV) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LC07A SN74LVC07ADR Active Production SOIC (D) | 14 2500 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 LVC07A SN74LVC07ADR.B Active Production SOIC (D) | 14 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LVC07A SN74LVC07ADRG3 Active Production SOIC (D) | 14 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LVC07A SN74LVC07ADRG3.B Active Production SOIC (D) | 14 2500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LVC07A SN74LVC07ADRG4 Active Production SOIC (D) | 14 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LVC07A SN74LVC07ADRG4.B Active Production SOIC (D) | 14 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LVC07A SN74LVC07ADT Active Production SOIC (D) | 14 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LVC07A SN74LVC07ADT.B Active Production SOIC (D) | 14 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LVC07A SN74LVC07ANSR Active Production SOP (NS) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LVC07A SN74LVC07ANSR.B Active Production SOP (NS) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LVC07A SN74LVC07APW Active Production TSSOP (PW) | 14 90 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LC07A SN74LVC07APW.B Active Production TSSOP (PW) | 14 90 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LC07A SN74LVC07APWE4 Active Production TSSOP (PW) | 14 90 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LC07A SN74LVC07APWG4 Active Production TSSOP (PW) | 14 90 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LC07A SN74LVC07APWR Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 LC07A SN74LVC07APWR.B Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LC07A SN74LVC07APWRE4 Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LC07A SN74LVC07APWRG3 Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LC07A SN74LVC07APWRG3.B Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LC07A SN74LVC07APWRG4 Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LC07A Addendum-Page 1 |