| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74AHCT240PWR bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74AHCT240PWR bảng dữ liệu(HTML) 7 Page - Texas Instruments |
|
7 / 43 page ![]() 5.6 Switching Characteristics over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Section Parameter Measurement Information section) PARAMETER TEST CONDITIONS TA = 25°C SN54AHCT240 –40°C to 85°C SN74AHCT240 –40°C to 125°C SN74AHCT240 UNIT TYP MAX MIN MAX MIN MAX MIN MAX tPLH Propagation delay time (low-to-high output) A-to-Y CL = 15 pF 5.4(1) 7.4(1) 1(1) 8.5(1) 1 8.5 1 9.5 ns tPHL Propagation delay time (high-to-low output) 5.4(1) 7.4(1) 1(1) 8.5(1) 1 8.5 1 9.5 tPZH Enable time (to the high level) OE-to-Y CL = 15 pF 7.7(1) 10.4(1) 1(1) 12(1) 1 12 1 13 ns tPZL Enable time (to the low level) 7.7(1) 10.4(1) 1(1) 12(1) 1 12 1 13 tPHZ Disable time (from high level) OE-to-Y CL = 15 pF 8.3(1) 10.4(1) 1(1) 12(1) 1 12 1 13 ns tPLZ Disable time (from low level) 8.3(1) 10.4(1) 1(1) 12(1) 1 12 1 13 tPLH Propagation delay time (low-to-high output) A-to-Y CL = 50 pF 5.9 8.4 1 9.5 1 9.5 1 10.5 ns tPHL Propagation delay time (high-to-low output) 5.9 8.4 1 9.5 1 9.5 1 10.5 tPZH Enable time (to the high level) OE-to-Y CL = 50 pF 8.2 11.4 1 13 1 13 1 14 ns tPZL Enable time (to the low level) 8.2 11.4 1 13 1 13 1 14 tPHZ Disable time (from high level) OE-to-Y CL = 50 pF 8.8 11.4 1 13 1 13 1 14 ns tPLZ Disable time (from low level) 8.8 11.4 1 13 1 13 1 14 tsk(o) Skew (time), output CL = 50 pF 1(2) 1 1 1 ns (1) On products compliant to MIL-PRF-38535, this parameter is not production tested. (2) On products compliant to MIL-PRF-38535, this parameter does not apply. 5.7 Noise Characteristics VCC = 5 V, CL = 50 pF, TA = 25°C(1) PARAMETER SN74AHCT240 UNIT MIN TYP MAX VOH(V) Quiet output, minimum dynamic VOH 4.1 V VIH(D) High-level dynamic input voltage 2 V VIL(D) Low-level dynamic input voltage 0.8 V (1) Characteristics are for surface-mount packages only. 5.8 Operating Characteristics VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance No load, f = 1 MHz 10 pF www.ti.com SN54AHCT240, SN74AHCT240 SCLS252P – OCTOBER 1995 – REVISED JANUARY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 7 Product Folder Links: SN54AHCT240 SN74AHCT240 |