| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74AHCT240PWR bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74AHCT240PWR bảng dữ liệu(HTML) 4 Page - Texas Instruments |
|
4 / 43 page ![]() 5 Specifications 5.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)(1) MIN MAX UNIT VCC Supply voltage –0.5 7 V VI (2) Input voltage –0.5 7 V VO (2) Output voltage –0.5 VCC + 0.5 V IIK Input clamp current VI < 0 –20 mA IOK Output clamp current VO < 0 or VO > VCC ±20 mA IO Continuous output current VO = 0 to VCC ±25 mA Continuous current through VCC or GND ±75 mA TJ Junction temperature 150 °C Tstg Storage temperature –65 150 °C (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 5.2 ESD Ratings Value UNIT V(ESD) Electrostatic discharge Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1) ±2000 V Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2) ±1000 (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. SN54AHCT240, SN74AHCT240 SCLS252P – OCTOBER 1995 – REVISED JANUARY 2025 www.ti.com 4 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: SN54AHCT240 SN74AHCT240 |