| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L99PM62GXP bảng dữ liệu(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99PM62GXP bảng dữ liệu(HTML) 23 Page - STMicroelectronics |
|
23 / 102 page ![]() L99PM62GXP Detailed description Doc ID 17639 Rev 4 23/102 Figure 10. Watchdog with error conditions Figure 11. Watchdog in Flash mode 2.4.1 Change watchdog timing There are 4 programmable watchdog timings available, which represent the nominal trigger time in window mode. To change the watchdog timing, a new timing has to be written by SPI. The new timing gets active with the next valid watchdog trigger. The following figures illustrate the sequence, which is recommended to use, changing the timing within long open window and within window mode. |