công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM1780 bảng dữ liệu(PDF) 12 Page - Texas Instruments

tên linh kiện PCM1780
Giải thích chi tiết về linh kiện  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1780 bảng dữ liệu(HTML) 12 Page - Texas Instruments

Back Button PCM1780 Datasheet HTML 8Page - Texas Instruments PCM1780 Datasheet HTML 9Page - Texas Instruments PCM1780 Datasheet HTML 10Page - Texas Instruments PCM1780 Datasheet HTML 11Page - Texas Instruments PCM1780 Datasheet HTML 12Page - Texas Instruments PCM1780 Datasheet HTML 13Page - Texas Instruments PCM1780 Datasheet HTML 14Page - Texas Instruments PCM1780 Datasheet HTML 15Page - Texas Instruments PCM1780 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
www.ti.com
SYSTEM CLOCK AND RESET FUNCTIONS
System Clock Input
tw(SCKH)
System Clock
tw(SCKL)
2 V
0.8 V
H
L
System Clock
Pulse Cycle
Time(1)
T0005A08
PCM1780, PCM1781, PCM1782
SLES132B – MARCH 2005 – REVISED AUGUST 2006
The PCM1780/81/82 requires a system clock for operating the digital interpolation filters and multilevel
delta-sigma modulators. The system clock is applied at the SCK input (pin 5). Table 1 shows examples of
system clock frequencies for common audio sampling rates.
Figure 20 shows the timing requirements for the system clock input. For optimal performance, it is important to
use a clock source with low phase jitter and noise. TI’s PLL170x family of multiclock generators is an excellent
choice for providing the PCM1780/81/82 system clock.
Table 1. System Clock Frequencies for Common Audio Sampling Frequencies
SAMPLING
SYSTEM CLOCK FREQUENCY (fSCK), MHz
FREQUENCY
128 fS
192 fS
256 fS
384 fS
512 fS
768 fS
1152 fS
8 kHz
1.024
1.536
2.048
3.072
4.096
6.144
9.216
16 kHz
2.048
3.072
4.096
6.144
8.192
12.288
18.432
32 kHz
4.096
6.144
8.192
12.288
16.384
24.576
36.864
44.1 kHz
5.6448
8.4672
11.2896
16.9344
22.5792
33.8688
–(1)
48 kHz
6.144
9.216
12.288
18.432
24.576
36.864
–(1)
88.2 kHz
11.2896
16.9344
22.5792
33.8688
–(1)
–(1)
–(1)
96 kHz
12.288
18.432
24.576
36.864
–(1)
–(1)
–(1)
192 kHz
24.576
36.864
–(1)
–(1)
–(1)
–(1)
–(1)
(1)
This system clock frequency is not supported for the given sampling frequency.
(1)
1/128 fS, 1/192 fS, 1/256 fS, 1/384 fS, 1/512 fS, 1/768 fS, or 1/1152 fS
PARAMETER
MIN
TYP
MAX
UNIT
tw(SCKH)
System clock pulse duration, HIGH
7
ns
tw(SCKL)
System clock pulse duration, LOW
7
ns
Figure 20. System Clock Input Timing
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com