công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPA564AIDWPR bảng dữ liệu(PDF) 22 Page - Texas Instruments

tên linh kiện OPA564AIDWPR
Giải thích chi tiết về linh kiện  1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

OPA564AIDWPR bảng dữ liệu(HTML) 22 Page - Texas Instruments

Back Button OPA564AIDWPR Datasheet HTML 18Page - Texas Instruments OPA564AIDWPR Datasheet HTML 19Page - Texas Instruments OPA564AIDWPR Datasheet HTML 20Page - Texas Instruments OPA564AIDWPR Datasheet HTML 21Page - Texas Instruments OPA564AIDWPR Datasheet HTML 22Page - Texas Instruments OPA564AIDWPR Datasheet HTML 23Page - Texas Instruments OPA564AIDWPR Datasheet HTML 24Page - Texas Instruments OPA564AIDWPR Datasheet HTML 25Page - Texas Instruments OPA564AIDWPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
10.0
1.0
0.1
0
2
4
6
8
10
12 14 16 18 20 22
24 26
(V+)
V
,
(V )(V)
-
OUT VOUT -
-
SAFEOPERATINGAREAATROOMTEMPERATURE
Copper,Soldered
withoutForcedAir
Copper,Soldered
with200LFMAirflow
10.0
1.0
0.1
0.01
0
2
4
6
8
10
12 14 16 18 20 22
24 26
SAFEOPERATINGAREAATVARIOUSAMBIENTTEMPERATURES
(PowerPADSoldered)
T = 40 C
-
A
T =0 C
T =+25 C
T =+85 C
T =+125 C
A
A
A
A
°
°
°
°
°
(V+)
V
,
(V )(V)
- OUT VOUT -
-
OPA564
SBOS372E
– OCTOBER 2008 – REVISED JANUARY 2011
www.ti.com
POWER DISSIPATION AND SAFE
Once
the
heatsink
area
has
been
selected,
OPERATING AREA
worst-case load conditions should be tested to ensure
proper thermal protection.
Power dissipation depends on power supply, signal,
and load conditions. For dc signals, power dissipation
space
is equal to the product of output current (IOUT) and the
voltage
across
the
conducting
output
transistor
[(V+)
– VOUT when sourcing; VOUT – (V–) when
sinking].
Dissipation
with
ac
signals
is
lower.
Application Bulletin AB-039, Power Amplifier Stress
and Power Handling Limitations (SBOA022, available
for download from www.ti.com) explains how to
calculate or measure power dissipation with unusual
signals and loads.
Figure 45 shows the safe operating area at room
temperature with various heatsinking efforts. Note
that the safe output current decreases as (V+)
– VOUT
or VOUT – (V–) increases. Figure 46 shows the safe
operating area at various temperatures with the
PowerPAD being soldered to a 2oz copper pad.
The power that can be safely dissipated in the
package is related to the ambient temperature and
Figure 45. Safe Operating Area at Room
the heatsink design. The PowerPAD package was
Temperature
specifically designed to provide excellent power
dissipation, but board layout greatly influences the
heat dissipation of the package. Refer to the
Thermally-Enhanced PowerPAD Package section for
further details.
The relationship between thermal resistance and
power dissipation can be expressed as:
TJ = TA + TJA
TJA = PD × qJA
Combining these equations produces:
TJ = TA + PD × qJA
where:
TJ = Junction temperature (°C)
TA = Ambient temperature (°C)
qJA = Junction-to-ambient thermal resistance (°C/W)
PowerPAD soldered to a 2oz copper pad.
PD = Power dissipation (W)
Figure 46. Safe Operating Area at Various
Ambient Temperatures
To determine the required heatsink area, required
power dissipation should be calculated and the
relationship between power dissipation and thermal
resistance
should
be
considered
to
minimize
shutdown conditions and allow for proper long-term
operation (junction temperature of +85
°C or less).
22
Submit Documentation Feedback
© 2008–2011, Texas Instruments Incorporated
Product Folder Link(s): OPA564



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com